Electronic Components Datasheet Search
  English  ▼

X  

LT3587 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3587
Description  High Voltage Monolithic Inverter and Dual Boost
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3587 Datasheet(HTML) 1 Page - Linear Technology

  LT3587 Datasheet HTML 1Page - Linear Technology LT3587 Datasheet HTML 2Page - Linear Technology LT3587 Datasheet HTML 3Page - Linear Technology LT3587 Datasheet HTML 4Page - Linear Technology LT3587 Datasheet HTML 5Page - Linear Technology LT3587 Datasheet HTML 6Page - Linear Technology LT3587 Datasheet HTML 7Page - Linear Technology LT3587 Datasheet HTML 8Page - Linear Technology LT3587 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3587
1
3587fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Voltage Monolithic
Inverter and Dual Boost
The LT®3587 provides a one chip solution for applications
requiring two positive and one negative high voltage sup-
plies. The LT3587 input voltage range of 2.5V to 6V makes
it ideal for various battery-powered systems.
A single resistor programs each of the three output voltage
levels and the output current of Boost3. The intelligent soft-
start allows for sequential soft-start of the Boost1 output
followed by the negative output with a single capacitor.
Internal sequencing circuitry also disables the inverter until
the Boost1 output has reached 87% of its final value.
The LT3587 integrates all the power switches, soft-start,
and output-disconnect circuits into a small 3mm
× 3mm
QFN package. This high level of integration combined
with small external components makes the LT3587 ideal
for space constrained applications.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Li-Ion Powered Supply for CCD Imager and Six White Backlight LEDs
n Ideal for CCD, LCD, LED Backlight and OLED
Applications
n Easy Generation of 15V (50mA), –8V (100mA) and
20V (20mA) from a Li-Ion Cell
n VVIN Range: 2.5V to 6V
n Wide Output Ranges: Up to 32V for the Boosts and
Up to –32V for the Inverter
n Output Disconnect for the Boost Channels
n Boost3 Allows Voltage Programming and/or Current
Programming for a ‘One Wire Current Source’
n Overload Fault Protection with Fault I/O Pin Indicator
n Combined Soft-Start and Enable Pins
n Small 20-Pin 3mm
× 3mm QFN Package
n Digital Still and Video Cameras
n Scanner and Display Systems
n PDA, Cellular Phones and Handheld Computers
n LED Backlight and OLED Display Drivers
n CCD Imager Bias
n General High Voltage Supply Bias
Efficiency Curve
15μH
10μH
3587 TA01a
VOUT3
CAP3
VFB3
IFB3
SW2
FB2
GND
CAP1
FB1
VOUT1
LT3587
FLT
EN/SS1
EN/SS3
SW3
SW1
VIN
10μF
VVIN
2.5V TO 6V
2.2μF
15μH15μH
CCD POSITIVE
15V, 50mA
CCD NEGATIVE
–8V, 100mA
8.06k
1μF
LED DRIVER
20mA, UP TO 6 LEDS
2.2μF
1M
1M
22μF
VVIN
2.5V TO 6V
2.7pF
6.8pF
NORMALIZED CURRENT
0
90
85
75
65
55
80
70
60
50
800
700
500
300
100
600
400
200
0
1
3587 TA01b
1.5
0.5
CDD+ = 50mA
CDD– = 100mA
LED = 20mA
CDD+
CDD–
LED
ALL CHANNELS
ENABLED
POWER DISSIPATION
ALL CHANNELS
ENABLED


Similar Part No. - LT3587

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3587 LINER-LT3587_15 Datasheet
406Kb / 24P
High Voltage Monolithic Inverter and Dual Boost
More results

Similar Description - LT3587

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3471 LINER-LT3471_15 Datasheet
305Kb / 16P
Dual 1.3A, 1.2MHz Boost/Inverter
LT3587 LINER-LT3587_15 Datasheet
406Kb / 24P
High Voltage Monolithic Inverter and Dual Boost
LTC3586 LINER-LTC3586_15 Datasheet
454Kb / 36P
High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-1 LINER-LTC3586-1_15 Datasheet
454Kb / 36P
High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-3 LINER-LTC3586-3_15 Datasheet
699Kb / 36P
High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
logo
Vincotech
V23990-P623-L82-D2-14 VINCOTECH-V23990-P623-L82-D2-14 Datasheet
2Mb / 19P
High efficiency dual boost
V23990-P629-F72-PM VINCOTECH-V23990-P629-F72-PM Datasheet
1Mb / 19P
High efficiency dual boost
V23990-P629-F73-PM VINCOTECH-V23990-P629-F73-PM Datasheet
1Mb / 19P
High efficiency dual boost
V23990-P629-L63-PM VINCOTECH-V23990-P629-L63-PM Datasheet
946Kb / 19P
High efficiency dual boost
logo
ON Semiconductor
FPF2C110BI07AS2 ONSEMI-FPF2C110BI07AS2 Datasheet
1Mb / 13P
F2, Boost and Inverter module with Press-fit
Nov. 2016 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com