Electronic Components Datasheet Search
  English  ▼

X  

LT3587 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3587
Description  High Voltage Monolithic Inverter and Dual Boost
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3587 Datasheet(HTML) 5 Page - Linear Technology

  LT3587 Datasheet HTML 1Page - Linear Technology LT3587 Datasheet HTML 2Page - Linear Technology LT3587 Datasheet HTML 3Page - Linear Technology LT3587 Datasheet HTML 4Page - Linear Technology LT3587 Datasheet HTML 5Page - Linear Technology LT3587 Datasheet HTML 6Page - Linear Technology LT3587 Datasheet HTML 7Page - Linear Technology LT3587 Datasheet HTML 8Page - Linear Technology LT3587 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3587
5
3587fc
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency
vs Temperature
Switches VCESAT vs Current
Switches Current Limit
vs Temperature
Specifications are at TA = 25°C unless otherwise noted.
SW1 and SW2 Current Limit
vs EN/SS1 Voltage
TEMPERATURE (°C)
–50
1.20
1.10
1.00
0.90
0.80
25
075
3587 G08
125
100
–25
50
VVIN = 3.6V
SW CURRENT (A)
0
0.5
0.4
0.3
0.2
0.1
0
0.4
0.2
0.8
3587 G09
1.2
1
0.6
VVIN = 3.6V
SW1
SW2
SW3
TEMPERATURE (°C)
–50
1.2
1.0
0.4
0.6
0.8
0.2
0
25
075
3587 G10
125
100
–25
50
VVIN = 3.6V
DUTY CYCLE = 60%
SW1
SW2
SW3
DUTY CYCLE (%)
0
2.5
2.0
1.0
1.5
0.5
0
60
50
40
20 30
80
3587 G11
100
90
10
70
VVIN = 3.6V
SW1
SW2
SW3
EN/SS1 VOLTAGE (V)
0.5
1.6
1.2
0.4
0.8
0
1.7
1.5
1.3
0.9 1.1
2.1
3587 G12
2.5
2.3
0.7
1.9
VVIN = 3.6V
DUTY CYCLE = 60%
SW1
SW2
Switches Current Limit
vs Duty Cycle
SW3 Current Limit
vs EN/SS3 Voltage
EN/SS3 VOLTAGE (V)
0.5
0.5
0.4
0.2
0.1
0.3
0
1.7
1.5
1.3
0.9 1.1
2.1
3587 G13
2.5
2.3
0.7
1.9
VVIN = 3.6V
SW3
EN/SS1, EN/SS3 Pull-Up Current
In Shutdown vs Temperature
TEMPERATURE (°C)
–50
1.50
1.25
0.75
1.00
0.50
25
075
3587 G16
125
100
–25
50
VVIN = 3.6V
EN/SS1 = EN/SS3 = 0V
Output Disconnects On Resistance
vs Temperature (RDISC1, RDISC3)
Output Disconnects Current Limit
vs Temperature
TEMPERATURE (°C)
–50
14
12
6
8
10
4
2
25
075
3587 G14
125
100
–25
50
VVIN = 3.6V
IVOUT1 = 50mA
IVOUT3 = 20mA
RDISC1
RDISC3
TEMPERATURE (°C)
–50
200.0
167.5
102.5
135.0
70
25
075
3587 G15
125
100
–25
50
VVIN = 3.6V
VVOUT1 = VVOUT3 = 15V
IVOUT1
IVOUT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com