Electronic Components Datasheet Search
  English  ▼

X  

LT3587 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3587
Description  High Voltage Monolithic Inverter and Dual Boost
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3587 Datasheet(HTML) 4 Page - Linear Technology

  LT3587 Datasheet HTML 1Page - Linear Technology LT3587 Datasheet HTML 2Page - Linear Technology LT3587 Datasheet HTML 3Page - Linear Technology LT3587 Datasheet HTML 4Page - Linear Technology LT3587 Datasheet HTML 5Page - Linear Technology LT3587 Datasheet HTML 6Page - Linear Technology LT3587 Datasheet HTML 7Page - Linear Technology LT3587 Datasheet HTML 8Page - Linear Technology LT3587 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LT3587
4
3587fc
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Quiescent Current
vs Input Supply Voltage
Quiescent Current
When On But Not Switching
vs Input Supply Voltage
VIN UVLO Voltage vs Temperature
FB1, VFB3 and IFB3 Regulation
Voltage vs Temperature
FB2 Regulation Voltage
vs Temperature
FB1, VFB3, IFB3 Bias Current in
Regulation vs Temperature
Specifications are at TA = 25°C unless otherwise noted.
FB2 Bias Current in Regulation
vs Temperature
INPUT VOLTAGE (V)
2.5
10
8
6
4
2
4
3.5
5
3587 G01
6
5.5
3
4.5
125°C
90°C
25°C
–40°C
VVIN = 3.6V
EN/SS1 = EN/SS3 = 0V
INPUT VOLTAGE (V)
2.5
3.5
3.0
2.5
2.0
1.5
4
3.5
5
3587 G02
6
5.5
3
4.5
125°C
90°C
25°C
–40°C
VVIN = EN/SS1 = EN/SS3 = 3.6V
FB1 = VFB3 = 1.5V
FB2 = IFB3 = 0V
TEMPERATURE (°C)
–50
2.20
2.15
2.10
2.05
2.00
25
075
3587 G03
125
100
–25
50
TEMPERATURE (°C)
–50
1.240
1.230
1.220
1.210
1.200
0.825
0.813
0.800
0.788
0.775
25
075
3587 G04
125
100
–25
50
VFB3
VIFB3
FB1
VVIN = 3.6V
RFB1 = RVFB3 = 1MΩ
RIFB3 = 8.06kΩ
IVOUT1 = 50mA
IVOUT3 = 20mA
TEMPERATURE (°C)
–50
15
10
5
0
–5
–10
25
075
3587 G05
125
100
–25
50
VVIN = 3.6V
RFB2 = 1MΩ
IVNEG = 100mA
TEMPERATURE (°C)
–50
14.50
14.25
14.00
13.50
13.75
13.25
13.00
106
104
102
98
100
96
94
25
075
3587 G06
125
100
–25
50
VVIN = 3.6V
RFB1 = RVFB3 =1MΩ
RIFB3 =8.06kΩ
IVOUT1 = 50mA
IVOUT3 = 20mA
IVFB3
IFB1
IIFB3
TEMPERATURE (°C)
–50
–7.75
–7.85
–7.95
–8.15
–8.05
–8.25
25
075
3587 G07
125
100
–25
50
VVIN = 3.6V
RFB2 =1MΩ
IVNEG = 100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com