Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3755
Description  40VIN, 75VOUT LED Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3755 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3755 Datasheet HTML 5Page - Linear Technology LT3755 Datasheet HTML 6Page - Linear Technology LT3755 Datasheet HTML 7Page - Linear Technology LT3755 Datasheet HTML 8Page - Linear Technology LT3755 Datasheet HTML 9Page - Linear Technology LT3755 Datasheet HTML 10Page - Linear Technology LT3755 Datasheet HTML 11Page - Linear Technology LT3755 Datasheet HTML 12Page - Linear Technology LT3755 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3755/LT3755-1
9
37551fa
BLOCK DIAGRAM
+
–
+
–
+
–
+
–
+
–
+
+
–
A1
A3
A6
+
+
–
FREQ
PROG
1.25V
SSCLAMP
1.1V
CTRL
VREF
SHDN/UVLO
ISP
ISN
Q2
150mV
50k
140μA
2μA
CTRL
BUFFER
gm
EAMP
PWM
COMPARATOR
DRIVER
ISENSE
A4
gm
A10
A5
OVFB
COMPARATOR
1.25V
FB
SHORT-CIRCUIT
DETECT
OPTION
FOR
LT3755
OPTION FOR
LT3755-1
SCILMB
SCILMB
5k
PWMOUT
PWM
1.25V
VIN
INTVCC
VC
+
–
A2
RQ
S
RAMP
GENERATOR
50KHz TO 1MHz
OSCILLATOR
A8
7V
LDO
GATE
SENSE
37551 BD
OPENLED
GND
1.2V
FB
1.22V
2V
1.3V
RT
SYNC
SS
SHDN
A7
10μA
10μA AT
FB = 1.25V
VC
TSD
FAULT
LOGIC
10μA
10μA AT
A1+ = A1–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com