Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3755
Description  40VIN, 75VOUT LED Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3755 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3755 Datasheet HTML 2Page - Linear Technology LT3755 Datasheet HTML 3Page - Linear Technology LT3755 Datasheet HTML 4Page - Linear Technology LT3755 Datasheet HTML 5Page - Linear Technology LT3755 Datasheet HTML 6Page - Linear Technology LT3755 Datasheet HTML 7Page - Linear Technology LT3755 Datasheet HTML 8Page - Linear Technology LT3755 Datasheet HTML 9Page - Linear Technology LT3755 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3755/LT3755-1
6
37551fa
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Voltage vs VIN
INTVCC Current Limit
vs Temperature
INTVCC Voltage vs Temperature
Quiescent Current vs VIN
SENSE Current Limit Threshold
vs Temperature
SHDN/UVLO Threshold
vs Temperature
VIN (V)
0
1.0
2.0
0.5
1.5
37551 G10
010
20
40
30
PWM = 0V
37551 G11
TEMPERATURE (°C)
90
100
110
95
105
–50
0
50
75
–25
25
100
125
37551 G12
TEMPERATURE (°C)
1.18
1.22
1.28
1.20
1.24
1.26
SHDN/UVLO RISING
SHDN/UVLO FALLING
–50
0
50
75
–25
25
100
125
010
20
40
30
VIN (V)
0
4
8
2
6
37551 G13
37551 G14
TEMPERATURE (°C)
30
34
40
32
36
38
–50
0
50
75
–25
25
100
125
37551 G15
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
7.0
7.2
7.4
7.1
7.3
TA = 25°C, unless otherwise noted.
SENSE Current Limit Threshold
vs Duty Cycle
V(ISP-ISN) Threshold vs FB Voltage
Gate Rise/Fall Time
vs Capacitance
DUTY CYCLE (%)
90
100
110
95
105
37551 G16
0
255075
100
FB VOLTAGE (V)
37551 G17
1.2
1.22
1.24
1.26
1.28
0
50
125
25
75
100
VCTRL = 2V
CAPACITANCE (nF)
37551 G18
0246
10
8
0
40
100
20
60
80
GATE RISE
TIME
GATE
FALL TIME
10% TO 90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com