Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3755
Description  40VIN, 75VOUT LED Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3755 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3755 Datasheet HTML 12Page - Linear Technology LT3755 Datasheet HTML 13Page - Linear Technology LT3755 Datasheet HTML 14Page - Linear Technology LT3755 Datasheet HTML 15Page - Linear Technology LT3755 Datasheet HTML 16Page - Linear Technology LT3755 Datasheet HTML 17Page - Linear Technology LT3755 Datasheet HTML 18Page - Linear Technology LT3755 Datasheet HTML 19Page - Linear Technology LT3755 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT3755/LT3755-1
16
37551fa
APPLICATIONS INFORMATION
Table 3. MOSFET Manufacturers
VENDOR
PHONE
WEB
Vishay Siliconix
402-563-6866
www.vishay.com
Fairchild
972-910-8000
www.fairchildsemi.com
International Rectifier
310-252-7105
www.irf.com
Schottky Rectifier Selection
The power Schottky diode conducts current during the
interval when the switch is turned off. Select a diode rated
for the maximum SW voltage. If using the PWM feature for
dimming, it is important to consider diode leakage, which
increases with the temperature, from the output during the
PWM low interval. Therefore, choose the Schottky diode
with sufficiently low leakage current. Table 4 has some
recommended component vendors.
Table 4. Schottky Rectifier Manufacturers
VENDOR
PHONE
WEB
On Semiconductor
888-743-7826
www.onsemi.com
Diodes, Inc.
805-446-4800
www.diodes.com
Central Semiconductor
631-435-1110
www.centralsemi.com
Sense Resistor Selection
The resistor, RSENSE, between the source of the exter-
nal NMOS FET and GND should be selected to provide
adequate switch current to drive the application without
exceeding the 108mV (typical) current limit threshold on
the SENSE pin of LT3755. For buck mode applications,
select a resistor that gives a switch current at least 30%
greater than the required LED current. For buck mode,
select a resistor according to:
RSENSE,BUCK ≤
007
.V
ILED
For buck-boost, select a resistor according to:
RSENSE,BUCK-BOOST ≤
+
()
VV
VV
I
IN
IN
LED LED
•.
007
For boost, select a resistor according to:
RSENSE,BOOST ≤
VV
VI
IN
LED
LED
•.
•
007
The placement of RSENSE should be close to the source of
the NMOS FET and GND of the LT3755. The SENSE input
to LT3755 should be a Kelvin connection to the positive
terminal of RSENSE.
Inductor Selection
The inductor used with the LT3755 should have a saturation
current rating appropriate to the maximum switch current
selected with the RSENSE resistor. Choose an inductor value
based on operating frequency, input and output voltage
to provide a current mode ramp on SENSE during the
switch on-time of approximately 20mV magnitude. The
following equations are useful to estimate the inductor
value (TSW = 1/fOSC):
L
TR
V
V
V
VV
BUCK
SW
SENSE
LED
IN
LED
IN
=
()
••
–
•.
002
LBUCK-BOOST =
+
()
TR
V
V
VV
SW
SENSE
LED
IN
LED
IN
••
•
•0..02V
L
TR
V
V
V
VV
BOOST
SW
SENSE
IN
LED
IN
LED
=
()
••
–
•.
002
Table 5 provides some recommended inductor vendors.
Table 5. Inductor Manufacturers
VENDOR
PHONE
WEB
Sumida
408-321-9660
www.sumida.com
Würth Elektronik
605-886-4385
www.we-online.com
Coiltronics
561-998-4100
www.cooperet.com
Vishay
402-563-6866
www.vishay.com
Coilcraft
847-639-6400
www.coilcraft.com
Loop Compensation
The LT3755 uses an internal transconductance error ampli-
fier whose VC output compensates the control loop. The
external inductor, output capacitor and the compensation
resistor and capacitor determine the loop stability.
The inductor and output capacitor are chosen based on
performance, size and cost. The compensation resistor
and capacitor at VC are selected to optimize control loop
response and stability. For typical LED applications, a
2.2nF compensation capacitor at VC is adequate, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com