Electronic Components Datasheet Search
  English  ▼

X  

LT3755 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3755
Description  40VIN, 75VOUT LED Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3755 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3755 Datasheet HTML 10Page - Linear Technology LT3755 Datasheet HTML 11Page - Linear Technology LT3755 Datasheet HTML 12Page - Linear Technology LT3755 Datasheet HTML 13Page - Linear Technology LT3755 Datasheet HTML 14Page - Linear Technology LT3755 Datasheet HTML 15Page - Linear Technology LT3755 Datasheet HTML 16Page - Linear Technology LT3755 Datasheet HTML 17Page - Linear Technology LT3755 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT3755/LT3755-1
14
37551fa
APPLICATIONS INFORMATION
at least 100ns to allow margin for PWM control latitude,
GATE rise/fall times and SW node rise/fall times.
Thermal Considerations
The LT3755 and LT3755-1 are rated to a maximum input
voltage of 40V. Careful attention must be paid to the internal
power dissipation of the IC at higher input voltages to en-
sure that a junction temperature of 125°C is not exceeded.
This junction limit is especially important when operating
at high ambient temperatures. The majority of the power
dissipation in the IC comes from the supply current needed
to drive the gate capacitance of the external power MOSFET.
This gate drive current can be calculated as:
IGATE = fSW • QG
A low QG power MOSFET should always be used when op-
erating at high input voltages, and the switching frequency
should also be chosen carefully to ensure that the IC does
not exceed a safe junction temperature. The internal junc-
tion temperature of the IC can be estimated by:
TJ = TA + [VIN (IQ + fSW • QG) • θJA]
where TA is the ambient temperature, IQ is the quiescent
current of the part (maximum 1.7mA) and
θJA is the
package thermal impedance (68°C/W for the 3mm
× 3mm
QFN package). For example, an application with TA(MAX)
= 85°C, VIN(MAX) = 40V, fSW = 400kHz, and having a FET
with QG = 20nC, the maximum IC junction temperature
will be approximately:
TJ = 85°C + [40V (1.7mA + 400kHz • 20nC) • 68°C/W]
= 111°C
The Exposed Pad on the bottom of the package must be
soldered to a ground plane. This ground should then be
connected to an internal copper ground plane with thermal
vias placed directly under the package to spread out the
heat dissipated by the IC.
Frequency Synchronization (LT3755-1 Only)
The LT3755-1 switching frequency can be synchronized to
an external clock using the SYNC pin. For proper operation,
the RT resistor should be chosen for a switching frequency
20% lower than the external clock frequency. The SYNC
pin is disabled during the soft-start period.
Observation of the following guidelines about the SYNC
waveform will ensure proper operation of this feature.
Driving SYNC with a 50% duty cycle waveform is always
a good choice, otherwise, maintain the duty cycle between
20% and 60%. When using both PWM and SYNC features,
the PWM signal rising edge should occur at least 200ns
before the SYNC rising edge (VIH) for optimal PWM
performance. If the SYNC pin is not used, it should be
connected to GND.
Open LED Detection (LT3755)
The LT3755 provides an open-drain status pin, OPENLED,
that pulls low when the FB pin is within ~50mV of its
1.25V regulated voltage. If the open LED clamp voltage
is programmed correctly using the FB pin, then the FB
pin should never exceed 1.1V when LEDs are connected,
therefore, the only way for the FB pin to be within 50mV
of the 1.25V regulation voltage is for an open LED event to
have occurred when an open LED fault occurs, the output
may initially overshoot the FB regulation point by several
percent, due to slew rate limitations on VC and the absence
of any load on the output. In order to ensure the voltage
on switching components remains below programmed
limits, and to guarantee accurate reporting of the open
LED fault, adding a silicon diode between OPENLED and
SS is recommended, as well as a 10k resistor in series
with the soft-start capacitor, if one is used.
Input Capacitor Selection
The input capacitor supplies the transient input current for
the power inductor of the converter and must be placed
and sized according to the transient current requirements.
The switching frequency, output current and tolerable input
voltage ripple are key inputs to estimating the capacitor
value. An X7R type ceramic capacitor is usually the best
choice since it has the least variation with temperature and
DC bias. Typically, boost and SEPIC converters require a
lower value capacitor than a buck mode converter. As-
suming that a 100mV input voltage ripple is acceptable,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com