Electronic Components Datasheet Search
  English  ▼

X  

EX128-CSG100 Datasheet(PDF) 14 Page - Actel Corporation

Part # EX128-CSG100
Description  eX Automotive Family FPGAs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CSG100 Datasheet(HTML) 14 Page - Actel Corporation

Back Button EX128-CSG100 Datasheet HTML 10Page - Actel Corporation EX128-CSG100 Datasheet HTML 11Page - Actel Corporation EX128-CSG100 Datasheet HTML 12Page - Actel Corporation EX128-CSG100 Datasheet HTML 13Page - Actel Corporation EX128-CSG100 Datasheet HTML 14Page - Actel Corporation EX128-CSG100 Datasheet HTML 15Page - Actel Corporation EX128-CSG100 Datasheet HTML 16Page - Actel Corporation EX128-CSG100 Datasheet HTML 17Page - Actel Corporation EX128-CSG100 Datasheet HTML 18Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
eX Automotive Family FPGAs
1- 10
v3.2
Silicon Explorer II Probe
Silicon Explorer II is an integrated hardware and
software solution that, in conjunction with Actel
Designer software tools, allows users to examine any of
the internal nets of the device while it is operating in a
prototype or a production system. The user can probe
into an eX device via the PRA and PRB pins without
changing the placement and routing of the design and
without
using
any
additional
resources.
Silicon
Explorer II's noninvasive method does not alter timing or
loading effects, thus shortening the debug cycle.
Silicon Explorer II does not require relayout or additional
MUXes to bring signals out to an external pin, which is
necessary when using programmable logic devices from
other suppliers.
Silicon
Explorer
II
samples
data
at
100 MHz
(asynchronous)
or
66 MHz
(synchronous).
Silicon
Explorer II attaches to a PC's standard COM port, turning
the PC into a fully functional 18-channel logic analyzer.
Silicon Explorer II allows designers to complete the
design verification process at their desks and reduces
verification time from several hours per cycle to a few
seconds.
The Silicon Explorer II tool uses the boundary scan ports
(TDI, TCK, TMS and TDO) to select the desired nets for
verification. The selected internal nets are assigned to the
PRA/PRB pins for observation. Figure 1-13 illustrates the
interconnection between Silicon Explorer II and the
automotive-grade
eX
device
to
perform
in-circuit
verification.
Design Considerations
The TDI, TCK, TDO, PRA, and PRB pins should not be used
as input or bidirectional ports. Since these pins are active
during probing, critical signals input through these pins
are not available while probing. In addition, the Security
Fuse should not be programmed because doing so
disables the probe circuitry. It is recommended to use a
70
Ω series termination resistor on every probe connector
(TDI, TCK, TMS, TDO, PRA, PRB). The 70
Ω series
termination is used to prevent data transmission
corruption during probing and reading back the
checksum.
Table 1-7 • Device Configuration Options for Probe Capability (TRST pin reserved)
JTAG Mode
TRST1
Security Fuse Programmed
PRA, PRB2
TDI, TCK, TDO2
Dedicated
Low
No
User I/O3
Probing Unavailable
Flexible
Low
No
User I/O3
User I/O3
Dedicated
High
No
Probe Circuit Outputs
Probe Circuit Inputs
Flexible
High
No
Probe Circuit Outputs
Probe Circuit Inputs
–
–
Yes
Probe Circuit Secured
Probe Circuit Secured
Notes:
1. If TRST pin is not reserved, the device behaves according to TRST = High in the table.
2. Avoid using the TDI, TCK, TDO, PRA, and PRB pins as input or bidirectional ports. Since these pins are active during probing, input
signals will not pass through these pins and may cause contention.
3. If no user signal is assigned to these pins, they will behave as unused I/Os in this mode. Unused pins are automatically tristated by
Actel’s Designer software.
Figure 1-13 • Silicon Explorer II Probe Setup
Serial
Connection
Additional 16 Channels
(Logic Analyzer)
Silicon Explorer II
TDI
TCK
TMS
16 Pin
Connection
22 Pin
Connection
PRA
PRB
TDO
eX FPGAs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com