Electronic Components Datasheet Search
  English  ▼

X  

EX128-CSG100 Datasheet(PDF) 43 Page - Actel Corporation

Part # EX128-CSG100
Description  eX Automotive Family FPGAs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CSG100 Datasheet(HTML) 43 Page - Actel Corporation

Back Button EX128-CSG100 Datasheet HTML 36Page - Actel Corporation EX128-CSG100 Datasheet HTML 37Page - Actel Corporation EX128-CSG100 Datasheet HTML 38Page - Actel Corporation EX128-CSG100 Datasheet HTML 39Page - Actel Corporation EX128-CSG100 Datasheet HTML 40Page - Actel Corporation EX128-CSG100 Datasheet HTML 41Page - Actel Corporation EX128-CSG100 Datasheet HTML 42Page - Actel Corporation EX128-CSG100 Datasheet HTML 43Page - Actel Corporation EX128-CSG100 Datasheet HTML 44Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
eX Automotive Family FPGAs
v3.2
3-1
Datasheet Information
List of Changes
The following table lists critical changes that were made in the current version of the document.
Datasheet Categories
In order to provide the latest information to designers, some datasheets are published before data has been fully
characterized. Datasheets are designated as "Product Brief," "Advanced," "Production," and "Datasheet
Supplement." The definitions of these categories are as follows:
Product Brief
The product brief is a summarized version of a datasheet (advanced or production) containing general product
information. This brief gives an overview of specific device and family information.
Advanced
This datasheet version contains initial estimated information based on simulation, other products, devices, or speed
grades. This information can be used as estimates, but not for production.
Unmarked (production)
This datasheet version contains information that is considered to be final.
Export Administration Regulations (EAR)
The product described in this datasheet is subject to the Export Administration Regulations (EAR). They could require
an approved export license prior to export from the United States. An export includes release of product or disclosure
of technology to a foreign national inside or outside the United States.
Previous version
Changes in current version (v3.2)
Page
v3.1
(Published 4/06)
The "Ordering Information" section was updated to include RoHS information. The TQFP
measurement was also updated.
ii
The "Dedicated Test Mode" section was updated.
1-8
Note 4 was added to the"3.3 V LVTTL Electrical Specifications" table.
1-13
v3.0
A note was added to the "Ordering Information" section.
ii
(Published 6/04)
The Junction temperature was added to Table 1-8 • Absolute Maximum Ratings*.
1-12
The note was changed in Table 1-9 • Recommended Operating Conditions.
1-12
The IOH and IOL values were updated in the "3.3 V LVTTL Electrical Specifications" table.
1-13
The "5 V Tolerance of 3.3 V LVTTL I/Os Using a Tristate Buffer" section is new.
1-14
A reference to Table 1-9 • Recommended Operating Conditions was added to the
"Junction Temperature".
1-12
v2.0
"Speed Grade and Temperature Grade Matrix" section table is new.
ii
Table 1-2 was updated.
1-5
Table 1-9 was updated.
1-12
The "CEQ Values for eX Devices" sectionis new.
1-14
The "Package Thermal Characteristics" section was updated.
1-16
Table 1-14 was updated.
1-19
Figure 1-15 was updated.
1-17
The "Pin Description" section was updated.
1-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com