Electronic Components Datasheet Search
  English  ▼

X  

EX128-CSG100 Datasheet(PDF) 27 Page - Actel Corporation

Part # EX128-CSG100
Description  eX Automotive Family FPGAs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CSG100 Datasheet(HTML) 27 Page - Actel Corporation

Back Button EX128-CSG100 Datasheet HTML 23Page - Actel Corporation EX128-CSG100 Datasheet HTML 24Page - Actel Corporation EX128-CSG100 Datasheet HTML 25Page - Actel Corporation EX128-CSG100 Datasheet HTML 26Page - Actel Corporation EX128-CSG100 Datasheet HTML 27Page - Actel Corporation EX128-CSG100 Datasheet HTML 28Page - Actel Corporation EX128-CSG100 Datasheet HTML 29Page - Actel Corporation EX128-CSG100 Datasheet HTML 30Page - Actel Corporation EX128-CSG100 Datasheet HTML 31Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
eX Automotive Family FPGAs
v3.2
1-23
tENZL
Enable-to-Pad, Z to L
4.5
ns
tENZLS
Enable-to-Pad Z to L—Low Slew
21.2
ns
tENZH
Enable-to-Pad, Z to H
6.1
ns
tENLZ
Enable-to-Pad, L to Z
3.8
ns
tENHZ
Enable-to-Pad, H to Z
7.1
ns
dTLH
Delta Delay vs. Load Low to High
0.058
ns/pF
dTHL
Delta Delay vs. Load High to Low
0.028
ns/pF
dTHLS
Delta Delay vs. Load High to Low—Low Slew
0.090
ns/pF
3.3 V LVTTL Output Module Timing1 (VCCI = 3.0 V)
tDLH
Data-to-Pad Low to High
5.0
ns
tDHL
Data-to-Pad High to Low
4.9
ns
tDHLS
Data-to-Pad High to Low—Low Slew
17.4
ns
tENZL
Enable-to-Pad, Z to L
4.0
ns
tENZLS
Enable-to-Pad Z to L—Low Slew
17.4
ns
tENZH
Enable-to-Pad, Z to H
5.0
ns
tENLZ
Enable-to-Pad, L to Z
5.0
ns
tENHZ
Enable-to-Pad, H to Z
4.8
ns
dTLH
Delta Delay vs. Load Low to High
0.038
ns/pF
dTHL
Delta Delay vs. Load High to Low
0.028
ns/pF
dTHLS
Delta Delay vs. Load High to Low—Low Slew
0.090
ns/pF
Table 1-17 • eX Family Timing Characteristics
(Worst-Case Automotive Conditions, VCCA = 2.3 V, TJ = 125°C)
‘Std.’ Speed
Parameter
Description
Min.
Max.
Units
Notes:
1. For dual-module macros, use tPD + tRD1 + tPDn, tRCO + tRD1 + tPDn or tPD1 + tRD1 + tSUD, whichever is appropriate.
2. Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating
device performance. Post-route timing analysis or simulation is required to determine actual worst-case performance.
3. Clock skew improves as the clock network becomes more heavily loaded.
4. Delays based on 35 pF loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com