Electronic Components Datasheet Search
  English  ▼

X  

EX128-CSG100 Datasheet(PDF) 20 Page - Actel Corporation

Part # EX128-CSG100
Description  eX Automotive Family FPGAs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CSG100 Datasheet(HTML) 20 Page - Actel Corporation

Back Button EX128-CSG100 Datasheet HTML 16Page - Actel Corporation EX128-CSG100 Datasheet HTML 17Page - Actel Corporation EX128-CSG100 Datasheet HTML 18Page - Actel Corporation EX128-CSG100 Datasheet HTML 19Page - Actel Corporation EX128-CSG100 Datasheet HTML 20Page - Actel Corporation EX128-CSG100 Datasheet HTML 21Page - Actel Corporation EX128-CSG100 Datasheet HTML 22Page - Actel Corporation EX128-CSG100 Datasheet HTML 23Page - Actel Corporation EX128-CSG100 Datasheet HTML 24Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
eX Automotive Family FPGAs
1- 16
v3.2
Package Thermal Characteristics
The device junction-to-case thermal characteristic is
θ
jc,
and the junction-to-ambient air characteristic is
θ
ja. The
thermal characteristics for
θ
ja are shown with two
different air flow rates.
θ
jc is provided for reference.
The maximum junction temperature is 150
°C.
The maximum power dissipation allowed for eX devices
is a function of
θ
ja. A sample calculation of the absolute
maximum power dissipation allowed for a TQFP 100-pin
package at automotive temperature and still air is as
follows:
Table 1-12 • Package Thermal Characteristics
Package Type
Pin Count
θ
jc
θ
ja
Units
Still Air
θ
ja 1.0 m/s
θ
ja 2.5 m/s
Thin Quad Flat Pack
64
12.0
42.4
36.3
34.0
°C/W
Thin Quad Flat Pack
100
14.0
33.5
27.4
25.0
°C/W
Chip-Scale Package
49
72.2
59.5
54.1
°C/W
Chip-Scale Package
128
54.1
44.6
40.6
°C/W
Chip-Scale Package
180
57.8
47.6
43.3
°C/W
Maximum Power Allowed
Max. junction temp. (
°C) Max. ambient temp. (°C)
–
θ
ja(°C/W)
---------------------------------------------------------------------------------------------------------------------------------
150
°C 125°C
–
33.5
°C/W
--------------------------------------
0.746 W
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com