Electronic Components Datasheet Search
  English  ▼

X  

EX128-CS100A Datasheet(PDF) 28 Page - Actel Corporation

Part # EX128-CS100A
Description  eX Automotive Family FPGAs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100A Datasheet(HTML) 28 Page - Actel Corporation

Back Button EX128-CS100A Datasheet HTML 24Page - Actel Corporation EX128-CS100A Datasheet HTML 25Page - Actel Corporation EX128-CS100A Datasheet HTML 26Page - Actel Corporation EX128-CS100A Datasheet HTML 27Page - Actel Corporation EX128-CS100A Datasheet HTML 28Page - Actel Corporation EX128-CS100A Datasheet HTML 29Page - Actel Corporation EX128-CS100A Datasheet HTML 30Page - Actel Corporation EX128-CS100A Datasheet HTML 31Page - Actel Corporation EX128-CS100A Datasheet HTML 32Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
eX Automotive Family FPGAs
1- 24
v3.2
Pin Description
CLKA/B
Routed Clock A and B
These pins are clock inputs for clock distribution
networks. Input levels are compatible with LVTTL and
LVCMOS specifications. The clock input is buffered prior
to clocking the R-cells. If not used, this pin must be set
Low or High on the board. It must not be left floating.
GND
Ground
Low supply voltage.
HCLK
Dedicated (Hardwired)
Array Clock
This pin is the clock input for sequential modules. Input
levels
are
compatible
with
LVTTL
and
LVCMOS
specifications. This input is directly wired to each R-cell and
offers clock speeds independent of the number of R-cells
being driven. If not used, this pin must be set Low or High
on the board. It must not be left floating.
I/O
Input/Output
The I/O pin functions as an input, output, tristate, or
bidirectional
buffer.
Input
and
output
levels
are
compatible with LVTTL and LVCMOS specifications.
Unused I/O pins are automatically tristated by the
Designer software. It is recommended to tie unused I/Os
to Low on the board. This also applies to dual-purpose
pins when configured as I/Os.
NC
No Connection
This pin is not connected to circuitry within the device.
These pins can be driven to any voltage or can be left
floating with no effect on the operation of the device.
PRA/PRB, I/O
Probe A/B
The Probe pin is used to output data from any user-
defined design node within the device. This diagnostic
pin can be used independently or in conjunction with the
other probe pin to allow real-time diagnostic output of
any signal path within the device. The Probe pin can be
employed as a user-defined I/O when verification has
been completed. The pin’s probe capabilities can be
permanently disabled to protect programmed design
confidentiality.
TCK, I/O
Test Clock
Test clock input for diagnostic probe and device
programming. In flexible mode, TCK becomes active
when the TMS pin is set Low (refer to Table 1-3 on
page 1-8). This pin functions as an I/O when the
boundary scan state machine reaches the “logic reset”
state.
TDI, I/O
Test Data Input
Serial input for boundary scan testing and diagnostic
probe. In flexible mode, TDI is active when the TMS pin is
set Low (refer to Table 1-3 on page 1-8). This pin
functions as an I/O when the boundary scan state
machine reaches the “logic reset” state.
TDO, I/O
Test Data Output
Serial output for boundary scan testing. In flexible mode,
TDO is active when the TMS pin is set Low (refer to
Table 1-3 on page 1-8). This pin functions as an I/O when
the boundary scan state machine reaches the "logic
reset" state. When Silicon Explorer is being used, TDO
will act as an output when the "checksum" command is
run. It will return to a user I/O when "checksum" is
complete.
TMS
Test Mode Select
The TMS pin controls the use of the IEEE 1149.1
boundary scan pins (TCK, TDI, TDO, TRST). In flexible
mode, when the TMS pin is set Low, the TCK, TDI, and
TDO pins are boundary scan pins (refer to Table 1-3 on
page 1-8). Once the boundary scan pins are in test mode,
they will remain in that mode until the internal
boundary scan state machine reaches the “logic reset”
state. At this point, the boundary scan pins will be
released and will function as regular I/O pins. The “logic
reset” state is reached five TCK cycles after the TMS pin is
set High. In dedicated test mode, TMS functions as
specified in the IEEE 1149.1 specifications.
TRST, I/O
Boundary Scan Reset Pin
Once it is configured as the JTAG Reset pin, the TRST pin
functions as an active-low input to asynchronously
initialize or reset the boundary scan circuit. The TRST pin
is equipped with an internal pull-up resistor. This pin
functions as an I/O when the “Reserve JTAG Reset Pin” is
not selected in the Designer software.
VCCI
Supply Voltage
Supply voltage for I/Os.
VCCA
Supply Voltage
Supply voltage for Array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com