Electronic Components Datasheet Search
  English  ▼

X  

EX128-CS100 Datasheet(PDF) 8 Page - Actel Corporation

Part # EX128-CS100
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100 Datasheet(HTML) 8 Page - Actel Corporation

Back Button EX128-CS100 Datasheet HTML 4Page - Actel Corporation EX128-CS100 Datasheet HTML 5Page - Actel Corporation EX128-CS100 Datasheet HTML 6Page - Actel Corporation EX128-CS100 Datasheet HTML 7Page - Actel Corporation EX128-CS100 Datasheet HTML 8Page - Actel Corporation EX128-CS100 Datasheet HTML 9Page - Actel Corporation EX128-CS100 Datasheet HTML 10Page - Actel Corporation EX128-CS100 Datasheet HTML 11Page - Actel Corporation EX128-CS100 Datasheet HTML 12Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
eX Family FPGAs
1- 4
v4.3
Clock Resources
eX’s high-drive routing structure provides three clock
networks. The first clock, called HCLK, is hardwired from
the HCLK buffer to the clock select MUX in each R-Cell.
HCLK cannot be connected to combinational logic. This
provides a fast propagation path for the clock signal,
enabling
the
3.9
ns
clock-to-out
(pad-to-pad)
performance of the eX devices. The hard-wired clock is
tuned to provide a clock skew of less than 0.1 ns worst
case. If not used, the HCLK pin must be tied LOW or HIGH
and must not be left floating. Figure 1-5 describes the
clock circuit used for the constant load HCLK.
HCLK does not function until the fourth clock cycle each
time the device is powered up to prevent false output
levels due to any possible slow power-on-reset signal and
fast start-up clock circuit. To activate HCLK from the first
cycle, the TRST pin must be reserved in the Design
software and the pin must be tied to GND on the board.
(See the "TRST, I/O Boundary Scan Reset Pin" on page 1-
26).
The remaining two clocks (CLKA, CLKB) are global routed
clock networks that can be sourced from external pins or
from internal logic signals (via the CLKINT routed clock
buffer) within the eX device. CLKA and CLKB may be
connected to sequential cells or to combinational logic. If
CLKA or CLKB is sourced from internal logic signals, the
external clock pin cannot be used for any other input
and must be tied LOW or HIGH and must not float.
Figure 1-6 describes the CLKA and CLKB circuit used in eX
devices.
Table 1-1 describes the possible connections of the
routed clock networks, CLKA and CLKB.
Unused clock pins must not be left floating and must be
tied to HIGH or LOW.
Figure 1-5 • eX HCLK Clock Pad
Constant Load
Clock Network
HCLKBUF
Figure 1-6 • eX Routed Clock Buffer
Clock Network
From Internal Logic
CLKBUF
CLKBUFI
CLKINT
CLKINTI
Table 1-1 • Connections of Routed Clock Networks, CLKA
and CLKB
Module
Pins
C-Cell
A0, A1, B0 and B1
R-Cell
CLKA, CLKB, S0, S1, PSET, and CLR
I/O-Cell
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com