Electronic Components Datasheet Search
  English  ▼

X  

EX128-CS100 Datasheet(PDF) 17 Page - Actel Corporation

Part # EX128-CS100
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100 Datasheet(HTML) 17 Page - Actel Corporation

Back Button EX128-CS100 Datasheet HTML 13Page - Actel Corporation EX128-CS100 Datasheet HTML 14Page - Actel Corporation EX128-CS100 Datasheet HTML 15Page - Actel Corporation EX128-CS100 Datasheet HTML 16Page - Actel Corporation EX128-CS100 Datasheet HTML 17Page - Actel Corporation EX128-CS100 Datasheet HTML 18Page - Actel Corporation EX128-CS100 Datasheet HTML 19Page - Actel Corporation EX128-CS100 Datasheet HTML 20Page - Actel Corporation EX128-CS100 Datasheet HTML 21Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
eX Family FPGAs
v4.3
1-13
2.5 V / 3.3 V /5.0 V Operating Conditions
Table 1-9 • Absolute Maximum Ratings*
Symbol
Parameter
Limits
Units
VCCI
DC Supply Voltage for I/Os
–0.3 to +6.0
V
VCCA
DC Supply Voltage for Array
–0.3 to +3.0
V
VI
Input Voltage
–0.5 to +5.75
V
VO
Output Voltage
–0.5 to +VCCI
V
TSTG
Storage Temperature
–65 to +150
°C
Note: *Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to
absolute maximum rated conditions for extended periods may affect device reliability. Devices should not be operated outside the
Recommended Operating Conditions.
Table 1-10 • Recommended Operating Conditions
Parameter
Commercial
Industrial
Units
Temperature Range*
0 to +70
–40 to +85
°C
2.5V Power Supply
Range (VCCA, VCCI)
2.3 to 2.7
2.3 to 2.7
V
3.3V Power Supply
Range (VCCI)
3.0 to 3.6
3.0 to 3.6
V
5.0V Power Supply
Range (VCCI)
4.75 to 5.25
4.75 to 5.25
V
Note: *Ambient temperature (TA).
Table 1-11 • Typical eX Standby Current at 25°C
Product
VCCA= 2.5 V
VCCI = 2.5 V
VCCA = 2.5 V
VCCI = 3.3 V
VCCA = 2.5 V
VCCI = 5.0 V
eX64
397
µA49 7µA
700
µA
eX128
696
µA
795
µA
1,000
µA
eX256
698
µA
796
µA
2,000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com