Electronic Components Datasheet Search
  English  ▼

X  

EX128-CS100 Datasheet(PDF) 12 Page - Actel Corporation

Part # EX128-CS100
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100 Datasheet(HTML) 12 Page - Actel Corporation

Back Button EX128-CS100 Datasheet HTML 8Page - Actel Corporation EX128-CS100 Datasheet HTML 9Page - Actel Corporation EX128-CS100 Datasheet HTML 10Page - Actel Corporation EX128-CS100 Datasheet HTML 11Page - Actel Corporation EX128-CS100 Datasheet HTML 12Page - Actel Corporation EX128-CS100 Datasheet HTML 13Page - Actel Corporation EX128-CS100 Datasheet HTML 14Page - Actel Corporation EX128-CS100 Datasheet HTML 15Page - Actel Corporation EX128-CS100 Datasheet HTML 16Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
eX Family FPGAs
1- 8
v4.3
Figure 1-10 • Total Dynamic Power (mW)
Figure 1-11 • System Power at 5%, 10%, and 15% Duty Cycle
0
20
40
60
80
100
120
140
160
180
0
25
50
75
100
125
150
175
200
Frequency (MHz)
32-bit Decoder
8 x 8-bit Counters
SDRAM Controller
0
2,000
4,000
6,000
8,000
10,000
12,000
0
10
203040
5060
Frequency (MHz)
5% DC
10% DC
15% DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com