Electronic Components Datasheet Search
  English  ▼

X  

A32100DX-FPLC Datasheet(PDF) 13 Page - Actel Corporation

Part # A32100DX-FPLC
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX-FPLC Datasheet(HTML) 13 Page - Actel Corporation

Back Button A32100DX-FPLC Datasheet HTML 9Page - Actel Corporation A32100DX-FPLC Datasheet HTML 10Page - Actel Corporation A32100DX-FPLC Datasheet HTML 11Page - Actel Corporation A32100DX-FPLC Datasheet HTML 12Page - Actel Corporation A32100DX-FPLC Datasheet HTML 13Page - Actel Corporation A32100DX-FPLC Datasheet HTML 14Page - Actel Corporation A32100DX-FPLC Datasheet HTML 15Page - Actel Corporation A32100DX-FPLC Datasheet HTML 16Page - Actel Corporation A32100DX-FPLC Datasheet HTML 17Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 84 page
background image
Discontinued – v3.0
13
Integrato r Se ries F P G A s: 1200 XL and 320 0DX Fam ilies
3.3 V Opera t ing Cond itions
Absolute M aximum Rat i ngs 1
Fr ee A ir T e m p er atu r e Ra n g e
Symbol
Parameter
Limits
Units
VCC
DC Supply Voltage
–0.5 to +7.0
V
VI
2
Input Voltage
–0.5 to VCC +0.5
V
VO
Output Voltage
–0.5 to VCC +0.5
V
TSTG
Storage Temperature
–65 to +150
°C
Notes:
1.
Stresses beyond those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
Exposure to absolute maximum rated conditions for extended
periods may affect device reliability. Device should not be
operated outside the Recommended Operating Conditions.
2.
Device inputs are normally high impedance and draw
extremely low current. However, when input voltage is greater
than VCC + 0.5V or less than GND – 0.5V, the internal protection
diodes will forward bias and can draw excessive current.
Recommend ed Op era ting Condit i ons
Parameter
Commercial
Units
Temperature Range1
0 to +70
°C
Power Supply Tolerance
±5
%V
Note:
1.
Ambient temperature (TA) is used for commercial.
Elec trica l Sp ecific a tions
Parameter
Commercial
Units
Min.
Max.
VOH
1
(IOH = –4 mA)
2.15
V
(IOH = –3.2 mA)
2.4
V
VOL
1
(IOL = 6 mA)
0.4
V
VIL
–0.3
0.8
V
VIH
2.0
VCC + 0.3
V
Input Transition Time tR, tF
2
500
ns
CIO I/O Capacitance
2, 3
10
pF
Standby Current, ICC
4 (typical = 0.3 mA)
0.75
mA
ICC(D) Dynamic VCC Supply Current
See the “Power Dissipation” section on page 14.
IV Curve4
Can be converted from IBIS model on the web.
Notes:
1.
Only one output tested at a time. VCC = min.
2.
Includes worst-case 84-pin PLCC package capacitance. VOUT = 0 V, f = 1 MHz.
3.
Typical standby current = 0.3 mA. All outputs unloaded. All inputs = VCC or GND.
4.
The IBIS model can be found at www.actel.com/support/support/support_ibis.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com