Electronic Components Datasheet Search
  English  ▼

X  

A32100DX-FPLC Datasheet(PDF) 53 Page - Actel Corporation

Part # A32100DX-FPLC
Description  Integrator Series FPGAs: 1200XL and 3200DX Families
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A32100DX-FPLC Datasheet(HTML) 53 Page - Actel Corporation

Back Button A32100DX-FPLC Datasheet HTML 49Page - Actel Corporation A32100DX-FPLC Datasheet HTML 50Page - Actel Corporation A32100DX-FPLC Datasheet HTML 51Page - Actel Corporation A32100DX-FPLC Datasheet HTML 52Page - Actel Corporation A32100DX-FPLC Datasheet HTML 53Page - Actel Corporation A32100DX-FPLC Datasheet HTML 54Page - Actel Corporation A32100DX-FPLC Datasheet HTML 55Page - Actel Corporation A32100DX-FPLC Datasheet HTML 56Page - Actel Corporation A32100DX-FPLC Datasheet HTML 57Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
Discontinued – v3.0
53
Integrato r Se ries F P G A s: 1200 XL and 320 0DX Fam ilies
A323 00DX Timing Char act eristics (continued)
(Worst-Case Commercial Conditions VCC = 4.75 V, TJ = 70°C)
‘–3’ Speed
‘–2’ Speed
‘–1’ Speed
‘Std’ Speed
‘–F’ Speed
3.3V ‘Std’
Speed
Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Units
Input Module Propagation Delays
tINPY
Input Data Pad-to-Y
1.4
1.7
1.9
2.2
3.1
2.5
ns
tINGO
Input Latch
Gate-to-Output1
2.9
3.4
3.8
4.5
6.4
5.2
ns
tINH
Input Latch Hold1
0.0
0.0
0.0
0.0
0.0
0.0
ns
tINSU
Input Latch Set-Up1
0.45
0.5
0.6
0.7
1.0
0.82
ns
tILA
Latch Active Pulse Width1
4.4
5.2
5.9
6.9
9.8
8.1
ns
Input Module Predicted Routing Delays
tIRD1
FO=1 Routing Delay
1.9
2.3
2.6
3.0
4.2
3.5
ns
tIRD2
FO=2 Routing Delay
2.5
2.9
3.3
3.9
5.5
4.6
ns
tIRD3
FO=3 Routing Delay
3.3
3.9
4.4
5.2
7.4
6.1
ns
tIRD4
FO=4 Routing Delay
3.9
4.6
5.2
6.1
8.7
7.2
ns
tIRD5
FO=8 Routing Delay
5.0
6.0
6.7
7.9
11.2
9.2
ns
tRDD
Decode-to-Output Routing Delay
0.6
0.67
0.8
0.9
1.3
1.05
ns
Global Clock Network
tCKH
Input Low to High
FO=32
FO=635
6.4
7.3
7.6
8.6
8.6
9.7
10.1
11.4
14.4
16.2
11.8
13.4
ns
ns
tCKL
Input High to Low
FO=32
FO=635
6.6
7.1
7.7
8.4
8.8
9.5
10.3
11.2
14.7
16.0
12.1
13.1
ns
ns
tPWH
Minimum Pulse Width High
FO=32
FO=635
3.0
3.3
3.5
3.8
4.0
4.3
4.7
5.1
6.7
7.2
5.5
6.0
ns
ns
tPWL
Minimum Pulse Width Low
FO=32
FO=635
3.0
3.3
3.8
3.8
4.0
4.3
4.7
5.1
6.7
7.2
5.5
6.0
ns
ns
tCKSW
Maximum Skew
FO=32
FO=635
0.6
0.6
0.75
0.75
0.9
0.9
1.0
1.0
1.4
1.4
1.17
1.17
ns
ns
tSUEXT
Input Latch External
Set-Up
FO=32
FO=635
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
0.0
ns
ns
tHEXT
Input Latch External Hold
FO=32
FO=635
2.2
2.7
2.6
3.2
2.9
3.7
3.4
4.3
4.9
6.1
4.0
5.0
ns
ns
tP
Minimum Period (1/fmax)
FO=32
FO=635
5.5
6.1
6.9
7.7
7.4
8.2
9.3
10.2
13.2
14.5
10.9
12.0
ns
ns
fHMAX
Maximum Datapath
Frequency
FO=32
FO=635
154
141
142
130
123
113
107
98
75
69
91
83
MHz
MHz
Note:
1.
Routing delays are for typical designs across worst-case operating conditions. These parameters should be used for estimating device
performance. Post-route timing analysis or simulation is required to determine actual performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com