Electronic Components Datasheet Search
  English  ▼

X  

LTC1696 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1696
Description  Overvoltage Protection Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696 Datasheet(HTML) 1 Page - Linear Technology

  LTC1696 Datasheet HTML 1Page - Linear Technology LTC1696 Datasheet HTML 2Page - Linear Technology LTC1696 Datasheet HTML 3Page - Linear Technology LTC1696 Datasheet HTML 4Page - Linear Technology LTC1696 Datasheet HTML 5Page - Linear Technology LTC1696 Datasheet HTML 6Page - Linear Technology LTC1696 Datasheet HTML 7Page - Linear Technology LTC1696 Datasheet HTML 8Page - Linear Technology LTC1696 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC1696
1
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
±2% Overvoltage Threshold Accuracy
s
Low Profile (1mm) ThinSOT
TM Package
s
Gate Drive for SCR Crowbar or External N-Channel
Disconnect MOSFET
s
Monitors Two Output Voltages
s
Senses Output Voltages from 0.8V to 24V
s
Wide Supply Range: 2.7V to 27V
s
Multifunction TIMER/RESET Pin
Overvoltage Protection
Controller
s
Telecommunication Systems
s
Computer Systems
s
Industrial Control Systems
s
Notebook Computers
SCR Crowbar
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
The LTC
®1696 is a standalone power supply overvoltage
monitor and protection device designed to protect a power
supply load in the event of an overvoltage fault. It monitors
two adjustable output voltages. If an overvoltage condi-
tion is detected, the output drives either an external SCR
crowbar or turns off external back-to-back N-channel
MOSFETs, thereby, disconnecting the input voltage from
the power supply.
Pin 6 offers three functions. By connecting a capacitor to
this pin, the internal glitch filter time delay can be pro-
grammed. Without the capacitor, the default time delay is
determined by an internal capacitor. This pin also serves
as a reset input to clear the internal latch after an overvolt-
age fault condition. By pulling it high, the OUT pin is
activated if the FB1 and FB2 voltages remain below the trip
threshold.
The LTC1696 is available in the low profile (1mm) ThinSOT
package.
C1
1nF
6
VOUT2
5V
VOUT1
3.3V
5
4
1696 TA01
1
2
3
SCR
2N6507
LTC1696
RESET
Q1
2N7002
FB1
GND
VCC
FB2
OUT
TIMER/
RESET
R1
44.2k
1%
VCC
12V
R2
137k
1%
R3
44.2k
1%
R4
232k
1%
C2
0.1
µF
POWER
SUPPLY
FB1
0.5V/DIV
TIMER/RESET
2V/DIV
IOUT
20mA/DIV
ThinSOT is a trademark of Linear Technology Corporation.
100
µs/DIV
1696 TA02
Overvoltage Response
C1 = 1nF


Similar Part No. - LTC1696

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
374Kb / 16P
UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC1696 LINER-LTC1696 Datasheet
291Kb / 24P
High Voltage Surge
LTC1696 LINER-LTC1696 Datasheet
179Kb / 14P
Overvoltage Protection Controller
logo
Linear Integrated Syste...
LTC1696 LINEAR-LTC1696 Datasheet
241Kb / 26P
Surge Stopper
logo
Linear Technology
LTC1696 LINER-LTC1696 Datasheet
296Kb / 24P
High Voltage Surge Stopper
More results

Similar Description - LTC1696

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
Overvoltage Protection Controller
LTC4361-1 LINER-LTC4361-1 Datasheet
341Kb / 16P
Overvoltage/Overcurrent Protection Controller
LTC1696 LINER-LTC1696_15 Datasheet
179Kb / 14P
Overvoltage Protection Controller
LTC4360-1 LINER-LTC4360-1_15 Datasheet
1Mb / 14P
Overvoltage Protection Controller
LTC4360-2 LINER-LTC4360-2_15 Datasheet
1Mb / 14P
Overvoltage Protection Controller
LTC4361-1 LINER-LTC4361-1_15 Datasheet
417Kb / 16P
Overvoltage/Overcurrent Protection Controller
logo
Texas Instruments
TPS2400 TI1-TPS2400_15 Datasheet
966Kb / 24P
Overvoltage Protection Controller
logo
ON Semiconductor
NCP347 ONSEMI-NCP347_10 Datasheet
484Kb / 13P
Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
logo
Linear Technology
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
Overvoltage Protection Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com