Electronic Components Datasheet Search
  English  ▼

X  

LTC1696 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1696
Description  Overvoltage Protection Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1696 Datasheet HTML 2Page - Linear Technology LTC1696 Datasheet HTML 3Page - Linear Technology LTC1696 Datasheet HTML 4Page - Linear Technology LTC1696 Datasheet HTML 5Page - Linear Technology LTC1696 Datasheet HTML 6Page - Linear Technology LTC1696 Datasheet HTML 7Page - Linear Technology LTC1696 Datasheet HTML 8Page - Linear Technology LTC1696 Datasheet HTML 9Page - Linear Technology LTC1696 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC1696
6
TYPICAL PERFOR A CE CHARACTERISTICS
OUT Pin Active Output Voltage
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
3
4
5
15
25
1696 G19
2
1
0
510
20
6
7
8
30
TA = 25°C
COUT = 1000pF
OUT Pin Active Output Voltage
vs Temperature
TEMPERATURE (
°C)
–55
6.2
6.3
6.4
105
1696 G20
6.1
6.0
5.8
–15
25
65
–35
125
5
45
85
5.9
6.6
6.5
VCC = 12V
COUT = 1000pF
OUT Pin Short-Circuit Current
vs Supply Voltage
SUPPLY VOLTAGE (V)
0
0
20
40
60
5
10
15
20
1696 G21
25
80
100
10
30
50
70
90
30
TA = 25°C
VOUT SHORTED TO GND
OUT Pin Short-Circuit Current
vs Temperature
OUT Pin Active Output Current
vs Output Voltage
TEMPERATURE (
°C)
–55
0
20
60
80
100
–15
25
45
125
1696 G22
40
–35
5
65
85 105
120
VOUT SHORTED TO GND
VCC = 27V
VCC = 12V
VCC = 5V
VCC = 2.7V
OUTPUT VOLTAGE (V)
0
10
20
30
5
15
25
12
3
4
1696 G23
5
0.5
0
1.5
2.5
3.5
4.5
TA = 25°C
VCC = 5V
VCC = 2.7V
OUT Pin Active Output Current
vs Output Voltage
OUTPUT VOLTAGE (V)
0
0
10
30
40
50
100
70
2
4
5
1696 G24
20
80
90
60
1
3
6
7
TA = 25°C
VCC = 27V
VCC = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com