Electronic Components Datasheet Search
  English  ▼

X  

LTC1696 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1696
Description  Overvoltage Protection Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1696 Datasheet(HTML) 2 Page - Linear Technology

  LTC1696 Datasheet HTML 1Page - Linear Technology LTC1696 Datasheet HTML 2Page - Linear Technology LTC1696 Datasheet HTML 3Page - Linear Technology LTC1696 Datasheet HTML 4Page - Linear Technology LTC1696 Datasheet HTML 5Page - Linear Technology LTC1696 Datasheet HTML 6Page - Linear Technology LTC1696 Datasheet HTML 7Page - Linear Technology LTC1696 Datasheet HTML 8Page - Linear Technology LTC1696 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC1696
2
Supply Voltage (VCC) ............................................... 28V
Input Voltage
FB1, FB2 ............................................... – 0.3V to 17V
TIMER/RESET .......................................– 0.3V to 17V
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART NUMBER
TJMAX = 125°C, θJA = 256°C/W
LTC1696ES6
(Note 1)
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 2.7V ≤ VCC ≤ 27V (Notes 3, 4) unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage Range
Operating Range
q
2.7
27
V
IVCC
Standby Supply Current
FB1, FB2 < VFB
q
170
540
µA
Active Supply Current
FB1, FB2 > VFB, COUT = 1000pF
q
1.1
3.5
mA
VFB
FB1, FB2 Feedback Threshold
Voltage Going Positive
TA ≥ 0°C
q
0.862
0.880
0.898
V
TA < 0°C
q
0.853
0.880
0.907
V
IFB
FB1, FB2 Input Current
q
–1
– 0.05
µA
VFBHST
FB1, FB2 Feedback Hysteresis
High-to-Low Transition
12
mV
VLKO
VCC Undervoltage Lockout
FB1, FB2 > VFB
Low-to-High Transition
q
1.75
2.05
2.35
V
High-to-Low Transition
q
1.64
1.94
2.24
V
VLKH
VCC Undervoltage Lockout Hysteresis
FB1, FB2 > VFB
110
mV
VRST
TIMER/RESET Reset Low Threshold
FB1, FB2 > VFB
q
0.78
0.865
0.95
V
VTIM
TIMER/RESET Timer High Threshold
FB1, FB2 > VFB
q
1.11
1.185
1.26
V
VTRIG
TIMER/RESET External Trigger High
FB1, FB2 < VFB
q
1.35
1.50
1.65
V
Threshold
ITRIG
TIMER/RESET External Trigger High
FB1, FB2 < VFB, TIMER/RESET = VTRIG
q
260
650
µA
Current
ITIM
TIMER/RESET Timer Current
FB1 = (VFB + 30mV), FB2 < VFB
q
410
22
µA
FB1 = (VFB + 200mV), FB2 < VFB
q
512
26
µA
FB2 = (VFB + 30mV), FB1 < VFB
q
410
22
µA
FB2 = (VFB + 200mV), FB1 < VFB
q
512
26
µA
FB1, FB2 = (VFB + 200mV)
q
818
40
µA
VOUTH
OUT High Voltage
12V
≤ VCC ≤ 27V, FB1, FB2 > VFB, COUT = 1000pF q
4.8
6.3
8.0
V
VCC = 3.3V, FB1, FB2 > VFB, COUT = 1000pF
q
2.7
3.2
3.3
V
VOUTL
OUT Low Voltage
FB1, FB2 < VFB, ISINK = 1mA, VCC = 3.3V
q
0.45
V
tOVPD1
OUT Propagation Delay for FB1
FB1 > VFB, FB2 < VFB, TIMER/RESET = Open,
q
728
µs
COUT = 1000pF
tOVPD2
OUT Propagation Delay for FB2
FB2 > VFB, FB1 < VFB, TIMER/RESET = Open,
q
728
µs
COUT = 1000pF
S6 PART MARKING
LTLT
Consult LTC Marketing for parts specified with wider operating temperature
ranges.
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
FB1 1
GND 2
VCC 3
6
5 FB2
4 OUT
TOP VIEW
TIMER/
RESET
S6 PACKAGE
6-LEAD PLASTIC SOT-23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com