Electronic Components Datasheet Search
  English  ▼

X  

LTC1699 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1699
Description  SMBus VID Voltage Programmers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1699 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1699 Datasheet HTML 3Page - Linear Technology LTC1699 Datasheet HTML 4Page - Linear Technology LTC1699 Datasheet HTML 5Page - Linear Technology LTC1699 Datasheet HTML 6Page - Linear Technology LTC1699 Datasheet HTML 7Page - Linear Technology LTC1699 Datasheet HTML 8Page - Linear Technology LTC1699 Datasheet HTML 9Page - Linear Technology LTC1699 Datasheet HTML 10Page - Linear Technology LTC1699 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC1699 Series
7
FU CTIO AL BLOCK DIAGRA
MUX/DECODER
SETUP
READ-
BACK
R1*
LTC1699-80, R1 = 10k
LTC1699-81, R1 = 20k
LTC1699-82, R1 = 10k
*
GND
FB
SENSE
SEL
5
R2
5
VCC
SDA
SCL
5
3
LATCH
CONTROL
SMBON
DCON
1699 FBD
2.5
µA
PGOOD
VRON
CPU_ON
IO_ON
CLK_ON
5
5
COMMAND
LATCH
AND
DECODER
REGISTER
CONTROL
LOGIC
ON
OFF
ON/OFF
STATE
MACHINE
50
µs
TIMER
CONVERTER
CONTROL
LOGIC
REGISTER 0
REGISTER 1
POWER-ON
RESET
SMBus
INTERFACE
TEST CIRCUIT
–
+
CPU_ON OR
IO_ON OR
CLK_ON OR
PGOOD
FB
SENSE
VRON
GND
1699 F01
SEL
SDA
SCL
VCC
VRON
SEL
SDA
SCL
10k
S1
5V
5V
0.1
µF
S2
0.8V
100pF
Figure 1. Load for Timing Tests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com