Electronic Components Datasheet Search
  English  ▼

X  

LTC1699 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1699
Description  SMBus VID Voltage Programmers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1699 Datasheet(HTML) 4 Page - Linear Technology

  LTC1699 Datasheet HTML 1Page - Linear Technology LTC1699 Datasheet HTML 2Page - Linear Technology LTC1699 Datasheet HTML 3Page - Linear Technology LTC1699 Datasheet HTML 4Page - Linear Technology LTC1699 Datasheet HTML 5Page - Linear Technology LTC1699 Datasheet HTML 6Page - Linear Technology LTC1699 Datasheet HTML 7Page - Linear Technology LTC1699 Datasheet HTML 8Page - Linear Technology LTC1699 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC1699 Series
4
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Temperature
Resistance Between SENSE and FB
Pins vs Temperature (LTC1699-81)
SCL, SDA, SEL and VRON Input
High and Low Voltage vs
Temperature
SCL, SDA, SEL and VRON Input
High and Low Voltage vs Supply
Voltage
SCL, SDA, SEL and VRON
Hysteresis vs Temperature
SCL, SDA, SEL and VRON
Hysteresis vs Supply Voltage
SDA, CPU_ON, IO_ON, CLK_ON
Output Low Voltage vs
Temperature
VCC (V)
1.5
1699 G01
350
300
250
200
150
100
50
0
2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7
TA = 25°C
TEMPERATURE (
°C)
1699 G02
300
250
200
150
100
50
0
–55 –35 –15
5
25
45
65
85 105 125
VCC = 5.5V
VCC = 2.7V
TEMPERATURE (
°C)
1699 G03
20.08
20.06
20.04
20.02
20.00
19.98
19.96
19.94
19.92
19.90
19.88
–55 –35 –15
5
25
45
65
85 105 125
VCC = 2.7V TO 5.5V
TEMPERATURE (
°C)
1699 G04
1.40
1.35
1.30
1.25
1.20
1.15
1.10
–55 –35 –15
5
25
45
65
85 105 125
INPUT HIGH, VCC = 5.5V
INPUT LOW, VCC = 5.5V
INPUT HIGH, VCC = 2.7V
INPUT LOW, VCC = 2.7V
SUPPLY VOLTAGE (V)
1699 G05
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
INPUT HIGH
TA = 25°C
INPUT LOW
TEMPERATURE (
°C)
1699 G06
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
–55 –35 –15
5
25
45
65
85 105 125
VCC = 5.5V
VCC = 2.7V
SUPPLY VOLTAGE (V)
1699 G07
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
T = 25
°C
TEMPERATURE (
°C)
1699 G08
0.25
0.20
0.15
0.10
0.05
0
–55 –35 –15
5
25
45
65
85 105 125
VCC = 2.7V
IPIN = 3mA
VCC = 5.5V
TEMPERATURE (
°C)
1699 G18
10.08
10.06
10.04
10.02
10.00
9.98
9.96
9.94
9.92
–55 –35 –15
5
25
45
65
85 105 125
VCC = 2.7V TO 5.5V
Resistance Between SENSE and
FB Pins vs Temperature
(LTC1699-80, LTC1699-82)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com