Electronic Components Datasheet Search
  English  ▼

X  

LTC1699 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1699
Description  SMBus VID Voltage Programmers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1699 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1699 Datasheet HTML 5Page - Linear Technology LTC1699 Datasheet HTML 6Page - Linear Technology LTC1699 Datasheet HTML 7Page - Linear Technology LTC1699 Datasheet HTML 8Page - Linear Technology LTC1699 Datasheet HTML 9Page - Linear Technology LTC1699 Datasheet HTML 10Page - Linear Technology LTC1699 Datasheet HTML 11Page - Linear Technology LTC1699 Datasheet HTML 12Page - Linear Technology LTC1699 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC1699 Series
9
TI I G DIAGRA S
tBUF
tLOW
tHIGH
tr
tf
tHD:STA
tHD:DAT
SDA
SCL
tSU:DAT
tSU:STA
tSU:STO
STOP
1699 TD02
START
START
STOP
tHD:STA
1699 TD03
tPH
tSPL
tVL
tSSH
tPL
tPPL
tVPL
tPGL
tVH
tSSL
90%
10%
NOTE: TIMING RELATIVE TO THE STOP BIT (P) IS MEASURED FROM THE RISING EDGE OF SDA
SEE TABLE 1 FOR VMIN AND VMAX SENSE VOLTAGES
tPGL
tPGL
SCL
P
STOP
2nd ON
PROTOCOL
2nd OFF
PROTOCOL
SMBON
DCON
VRON
CPU_ON
IO_ON
CLK_ON
VSENSE
(VREF = 0.8V)
SEL
SDA
PGOOD
P
1.3V
1.3V
1.3V
1.3V
0.7V
VMAX
VMIN
0V
0V
Timing for SMBus Interface
CLK_ON, IO_ON, CLK_ON, PGOOD TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com