Electronic Components Datasheet Search
  English  ▼

X  

LTM9001 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM9001
Description  16-Bit IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM9001 Datasheet HTML 9Page - Linear Technology LTM9001 Datasheet HTML 10Page - Linear Technology LTM9001 Datasheet HTML 11Page - Linear Technology LTM9001 Datasheet HTML 12Page - Linear Technology LTM9001 Datasheet HTML 13Page - Linear Technology LTM9001 Datasheet HTML 14Page - Linear Technology LTM9001 Datasheet HTML 15Page - Linear Technology LTM9001 Datasheet HTML 16Page - Linear Technology LTM9001 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTM9001
13
9001fa
PIN FUNCTIONS
Digital Outputs
For CMOS Mode, Full Rate or Demultiplexed
DA0 to DA15 (Pins E9 to H5): Digital Outputs, A Bus.
DA15 is the MSB. Output bus for full rate CMOS mode
and demultiplexed mode.
CLKOUTA (Pin E8): Inverted Data Valid Output. CLKOUTA
will toggle at the sample rate in full rate CMOS mode or
at 1/2 the sample rate in demultiplexed mode. Latch the
data on the rising edge of CLKOUTA.
OFB (Pin E6): Over/Under Flow Digital Output for the B
Bus. OFB is high when an over or under flow has occurred
on the B bus. OFB is in a high impedance state in full rate
CMOS mode.
DB0 to DB15 (Pins B5 to D9): Digital Outputs, B Bus. DB15
is the MSB. Active in demultiplexed mode. The B bus is in
a high impedance state in full rate CMOS mode.
CLKOUTB (Pin E7): Data Valid Output. CLKOUTB will toggle
at the sample rate in full rate CMOS mode or at 1/2 the
sample rate in demultiplexed mode. Latch the data on the
falling edge of CLKOUTB.
OFA (Pin G5): Over/Under Flow Digital Output for the A
Bus. OFA is high when an over or under flow has occurred
on the A bus.
For LVDS Mode, STANDARD or LOW POWER
D0–/D0+ to D15–/D15+ (Pins B5 to G6):
LVDS Digital Out-
puts. All LVDS outputs require differential 100Ω termination
resistors at the LVDS receiver. D15+/D15– is the MSB.
CLKOUT–/CLKOUT+ (Pins E6, E7):
LVDS Data Valid Output.
Latch data on the rising edge of CLKOUT+, falling edge
of CLKOUT–.
OF–/OF+ (Pins H5, G5):
Over/Under Flow Digital Output.
OF is high when an over or under flow has occurred.
Pin Configuration (LVDS Outputs/CMOS Outputs)
12345
6
7
8
9
J
GND
GND
SENSE
GND
D14+/DA12
D14–/DA11
D12+/DA8
D12–/DA7
OGND
HIN–
GND
AMPSHDN
GND
OF–/DA15
D15–/DA13
D13–/DA9
D11–/DA5
D11+/DA6
GIN+
GND
MODE
GND
OF+/OFA
D15+/DA14
D13+/DA10
OGND
OVDD
F
GND
GND
RAND
GND
LVDS
D9–/DA1
D9+/DA2
D10–/DA3
D10+/DA4
EVCC
VCC
PGA
GND
VDD
CLKOUT–/OFB CLKOUT+/CLKOUTB D8–/CLKOUTA
D8+/DA0
D
GND
GND
DNC
GND
VDD
D6–/DB12
D6+/DB13
D7–/DB14
D7+/DB15
CENC+
GND
DNC
GND
D0+/DB1
D4–/DB8
D4+/DB9
D5–/DB10
D5+/DB11
BENC–
GND
ADCSHDN
GND
D0–/DB0
D1–/DB2
D1+/DB3
D3+/DB7
D3–/DB6
A
GND
GND
DITH
GND
OGND
OVDD
D2–/DB4
D2+/DB5
OGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com