Electronic Components Datasheet Search
  English  ▼

X  

LTM9001 Datasheet(PDF) 4 Page - Linear Technology

Part # LTM9001
Description  16-Bit IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001 Datasheet(HTML) 4 Page - Linear Technology

  LTM9001 Datasheet HTML 1Page - Linear Technology LTM9001 Datasheet HTML 2Page - Linear Technology LTM9001 Datasheet HTML 3Page - Linear Technology LTM9001 Datasheet HTML 4Page - Linear Technology LTM9001 Datasheet HTML 5Page - Linear Technology LTM9001 Datasheet HTML 6Page - Linear Technology LTM9001 Datasheet HTML 7Page - Linear Technology LTM9001 Datasheet HTML 8Page - Linear Technology LTM9001 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTM9001
4
9001fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Encode Inputs (ENC+, ENC–)
VID
Differential Input Voltage
l
0.2
V
VICM
Common Mode Input Voltage
Internally Set
Externally Set
1.2
1.6
3.1
V
V
RIN
Input Resistance
100
Ω
CIN
Input Capacitance
(Note 7)
3
pF
Logic Inputs (DITH, PGA, ADCSHDN, RAND)
VIH
High Level Input Voltage
VDD = 3.3V
l
2V
VIL
Low Level Input Voltage
VDD = 3.3V
l
0.8
V
IIN
Input Current
VIN = 0V to VDD
l
±10
μA
CIN
Input Capacitance
(Note 7)
1.5
pF
Logic Inputs (AMPSHDN)
VIH
High Level Input Voltage
VCC = 3.3V
l
2V
VIL
Low Level Input Voltage
VCC = 3.3V
l
0.8
V
IIH
Input High Current
VIN = 2V
1.3
μA
IIL
Input Low Current
VIN = 0.8V
0.1
μA
CIN
Input Capacitance
(Note 7)
1.5
pF
Logic Outputs (CMOS Mode)
OVDD = 3.3V
VOH
High Level Output Voltage
VDD = 3.3V, IO = –10μA
VDD = 3.3V, IO = –200μA
l
3.1
3.299
3.29
V
V
VOL
Low Level Output Voltage
VDD = 3.3V, IO = 10μA
VDD = 3.3V, IO = 1.6mA
l
0.01
0.1
0.4
V
V
DIGITAL INPUTS AND OUTPUTS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
DYNAMIC ACCURACY The l indicates specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
162.5MHz Input (PGA = 0) LTM9001-AA
162.5MHz Input (PGA = 1) LTM9001-AA
l
67
71.4
68
dBFS
dBFS
140MHz Input (PGA = 0) LTM9001-BA
140MHz Input (PGA = 1) LTM9001-BA
l
64
67.5
66.4
dBFS
dBFS
SFDR
Spurious Free Dynamic Range at –25dBFS,
Dither “OFF”
162.5MHz Input (PGA = 0) LTM9001-AA
162.5MHz Input (PGA = 1) LTM9001-AA
90
93
dBFS
dBFS
Spurious Free Dynamic Range at –15dBFS,
Dither “OFF”
140MHz Input (PGA = 0) LTM9001-BA
140MHz Input (PGA = 1) LTM9001-BA
91
92
dBFS
dBFS
SFDR
Spurious Free Dynamic Range at –25dBFS,
Dither “ON”
162.5MHz Input (PGA = 0) LTM9001-AA
162.5MHz Input (PGA = 1) LTM9001-AA
l
90
95
100
dBFS
dBFS
Spurious Free Dynamic Range at –15dBFS,
Dither “ON”
140MHz Input (PGA = 0) LTM9001-BA
140MHz Input (PGA = 1) LTM9001-BA
l
90
95
96
dBFS
dBFS
IMD3
Third Order Intermodulation Distortion;
1MHz Tone Spacing, 2 Tones at –7dBFS
fIN = 162.5MHz LTM9001-AA
fIN = 140MHz LTM9001-BA
–78
–84
dB
dB
IIP3
Equivalent Third Order Input Intercept Point,
2 Tone
fIN = 162.5MHz LTM9001-AA
fIN = 140MHz LTM9001-BA
24
29.2
dBm
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com