Electronic Components Datasheet Search
  English  ▼

X  

LTM9001 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM9001
Description  16-Bit IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM9001 Datasheet HTML 14Page - Linear Technology LTM9001 Datasheet HTML 15Page - Linear Technology LTM9001 Datasheet HTML 16Page - Linear Technology LTM9001 Datasheet HTML 17Page - Linear Technology LTM9001 Datasheet HTML 18Page - Linear Technology LTM9001 Datasheet HTML 19Page - Linear Technology LTM9001 Datasheet HTML 20Page - Linear Technology LTM9001 Datasheet HTML 21Page - Linear Technology LTM9001 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTM9001
18
9001fa
INPUT SPAN
The LTM9001 is configured with a fixed input span and
input impedance. With the amplifier gain and the ADC input
network described above for LTM9001-AA, the full-scale
input range of the driver circuit is 250mVP-P. The recom-
mended ADC input span is achieved by tying the SENSE
pin to VDD. However, the ADC input span can be changed
by applying a DC voltage to the SENSE pin.
Input Impedance and Matching
The differential input impedance of the LTM9001 can be
50Ω, 200Ω or 400Ω. In some applications the differential
inputs may need to be terminated to a lower value imped-
ance, e.g. 50Ω, in order to provide an impedance match
for the source. Several choices are available.
One approach is to use a differential shunt resistor
(Figure 2). Another approach is to employ a wide band
transformer (Figure 3). Both methods provide a wide band
match. The termination resistor or the transformer must
be placed close to the input pins in order to minimize the
reflection due to input mismatch.
Table 2. Differential Amplifier Input Termination Values
ZIN
RT FIG 2
400Ω
57Ω
200Ω
66.5Ω
50Ω
None
9001 F02
ZIN/2
RT
RF
LTM9001
ZIN/2
25Ω
25Ω
VIN
RF
IN+
IN–
+
–
9001 F03
ZIN/2
RF
LTM9001
ZIN/2
25Ω
25Ω
VIN
RF
+
–
•
•
IN+
IN–
Figure 2. Input Termination for Differential 50Ω Input Impedance
Using Shunt Resistor (See Table 2 for RT Values)
Figure 3. Input Termination for Differential 50Ω
Input Impedance Using a Wideband Transformer
OPERATION
ADC INPUT NETWORK
The passive network between the amplifier output stage
and the ADC input stage can be configured for bandpass
or low-pass response with different cut-off frequencies
and bandwidths. The LTM9001-AA, for example, imple-
ments a 2-pole band-pass filter centered at 162.5MHz
with 50MHz bandwidth. Note that the filter attenuates the
signal at 162.5MHz by 1dB, making the overall gain of the
subsystem 19dB.
For production test purposes the filter is designed to allow
DC inputs into the ADC.
CONVERTER INFORMATION
The analog-to-digital converter (ADC) is a CMOS pipelined
multistep converter with a front-end PGA. As shown in the
Functional Block Diagram, the converter has five pipelined
ADC stages; a sampled analog input will result in a digitized
value seven cycles later (see the Timing Diagram section).
The encode input is differential for improved common
mode noise immunity.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com