Electronic Components Datasheet Search
  English  ▼

X  

LTM9001 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM9001
Description  16-Bit IF/Baseband Receiver Subsystem
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9001 Datasheet(HTML) 2 Page - Linear Technology

  LTM9001 Datasheet HTML 1Page - Linear Technology LTM9001 Datasheet HTML 2Page - Linear Technology LTM9001 Datasheet HTML 3Page - Linear Technology LTM9001 Datasheet HTML 4Page - Linear Technology LTM9001 Datasheet HTML 5Page - Linear Technology LTM9001 Datasheet HTML 6Page - Linear Technology LTM9001 Datasheet HTML 7Page - Linear Technology LTM9001 Datasheet HTML 8Page - Linear Technology LTM9001 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTM9001
2
9001fa
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................ –0.3V to 3.6V
Supply Voltage (VDD) ................................... –0.3V to 4V
Digital Output Supply Voltage (OVDD) .......... –0.3V to 4V
Analog Input Current (IN+, IN–)............................±10mA
Digital Input Voltage
(Except AMPSHDN) ..................–0.3V to (VDD + 0.3V)
Digital Input Voltage
(AMPSHDN).............................. –0.3V to (VCC + 0.3V)
Digital Output Voltage ................ –0.3V to (OVDD + 0.3V)
Operating Temperature Range
LTM9001C................................................ 0°C to 70°C
LTM9001I............................................. –40°C to 85°C
Storage Temperature Range................... –45°C to 125°C
Maximum Junction Temperature........................... 125°C
(Notes 1, 2)
ORDER INFORMATION
LEAD FREE FINISH
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTM9001CV-AA#PBF
LTM9001V-AA
81-Lead (11.25mm × 11.25mm × 2.3mm) LGA
0°C to 70°C
LTM9001IV-AA#PBF
LTM9001V-AA
81-Lead (11.25mm × 11.25mm × 2.3mm) LGA
–40°C to 85°C
LTM9001CV-BA#PBF
LTM9001V-BA
81-Lead (11.25mm × 11.25mm × 2.3mm) LGA
0°C to 70°C
LTM9001IV-BA#PBF
LTM9001V-BA
81-Lead (11.25mm × 11.25mm × 2.3mm) LGA
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
This product is only offered in trays. For more information go to: http://www.linear.com/packaging/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GDIFF
Gain
DC, LTM9001-AA
fIN = 162.5MHz (Note 3)
l
19.1
19.7
19
20.3
dB
dB
DC, LTM9001-BA
fIN = 140MHz (Note 3)
l
7.1
8.2
7.8
9.4
dB
dB
GTEMP
Gain Temperature Drift
VIN = Maximum, (Note 3)
2
mdB/°C
VINCM
Input Common Mode Voltage Range
(IN+ + IN–)/2
1.0–1.6
V
VIN
Input Voltage Range at –1dBFS
LTM9001-AA at 162.5MHz
LTM9001-BA at 140MHz
233
820
mVP-P
mVP-P
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)
IN–
1
J
H
G
F
E
D
C
B
A
234
LGA PACKAGE
TJMAX = 125°C, θJA = 15°C/W, θJC = 19°C/W
θJA DERIVED FROM 60mm × 70mm PCB WITH 4 LAYERS
WEIGHT = 0.71g
56789
DATA
TOP VIEW
ALL ELSE
= GND
CONTROL
OGND
OVDD
VCC
DNC
VDD OGND
CONTROL
OVDD
OGND
ENC+
IN+
ENC–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com