Electronic Components Datasheet Search
  English  ▼

X  

LTC4258 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 14Page - Linear Technology LTC4258 Datasheet HTML 15Page - Linear Technology LTC4258 Datasheet HTML 16Page - Linear Technology LTC4258 Datasheet HTML 17Page - Linear Technology LTC4258 Datasheet HTML 18Page - Linear Technology LTC4258 Datasheet HTML 19Page - Linear Technology LTC4258 Datasheet HTML 20Page - Linear Technology LTC4258 Datasheet HTML 21Page - Linear Technology LTC4258 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC4258
18
4258fb
APPLICATIO S I FOR ATIO
Foldback
Foldback is designed to limit power dissipation in the
MOSFET during power-up and momentary short-circuit
conditions. At low port output voltages, the voltage across
the MOSFET is high, and power dissipation will be large if
significant current is flowing. Foldback monitors the port
output voltage and reduces the VLIM current limit level
linearly from its full value (212.5mV typ) at a port voltage
of 18V to approximately 1/7th of the full value (30mV typ)
at a port voltage of 0V. With 0.5
Ω sense resistors, this
limits the short-circuit current to 60mA (typ) instead of the
full 425mA (typ) current limit. When the LTC4258 is in
foldback, the tICUT timer is active.
Short-Circuit Protection
If a port is suddenly shorted out, the MOSFET power
dissipation can rise to very high levels, jeopardizing the
MOSFET even before the normal current limit circuit can
respond. A separate short-circuit current limit circuit
watches for significant overcurrent events (VSENSE
>275mV, >550mA with a 0.5
Ω sense resistor) and pulls
the GATE pin down immediately if such an event occurs,
shutting off the MOSFET in less than 1
µs (with no external
capacitor on GATE). Approximately 100
µs later, GATE is
allowed to rise back up and the normal current limit circuit
will take over, allowing ILIM current to flow and causing the
tICUT timer to count up. During a short circuit, ILIM will be
reduced by the foldback feature to 1/7th of the nominal
value.
Figures 14 and 15 show the LTC4258 controlling port
current during short circuits. In Figure 14, the MOSFET is
turned off 0.5
µs after the port is shorted with 1Ω. The
spike in port voltage and current at the moment the
MOSFET turns off is the response of inductance in the
system, such as the magnetics and the Ethernet cable; see
Surge Suppressors and Circuit Protection for further
details. The 0.1
µF port bypass cap (see Figure 1) provides
some port current for 0.25
µs after the MOSFET is off. In
Figure 15, the LTC4258 quickly turns the port off and the
spike above ground is again due to inductance. It then
ramps the MOSFET gate up, similar to applying power
after a PD is detected, bringing the port into a controlled
425mA (typ) ILIM current limit. When the short is removed,
the port current no longer needs to be limited and LTC4258
ramps up its GATE pin to fully enhance the MOSFET.
Short-circuit protection quickly stops excessive current
and limits the energy delivered to a short or faulty PD. Yet
the LTC4258 only stops current briefly, so momentary
faults typically do not cause the PD to lose power and PDs
receive at least 50ms of 400mA to 450mA peak current as
required by the 802.3af standard.
Figure 14. Rapid Response to 1
Ω Short
Figure 15. Rapid Response to Momentary 100
Ω Short
250ns/DIV
4258 G04
GND
PORT
VOLTAGE
20V/DIV
GATE
VOLTAGE
10V/DIV
PORT
CURRENT
20A/DIV
VEE
+15V
VDD = 3.3V
VEE = –48V
VEE
VEE
0mA
SHORT APPLIED
FET OFF
FAST PULL-DOWN
ACTIVATED
100
µs/DIV
4258 G05
PORT
VOLTAGE
20V/DIV
GATE
VOLTAGE
10V/DIV
PORT
CURRENT
500mA/DIV
VDD = 3.3V
VEE = –48V
VEE
VEE
GND
0mA
CURRENT LIMIT
SHORT APPLIED
SHORT REMOVED
FAST PULL-DOWN
VEE
+15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com