Electronic Components Datasheet Search
  English  ▼

X  

LTC4258 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 4 Page - Linear Technology

  LTC4258 Datasheet HTML 1Page - Linear Technology LTC4258 Datasheet HTML 2Page - Linear Technology LTC4258 Datasheet HTML 3Page - Linear Technology LTC4258 Datasheet HTML 4Page - Linear Technology LTC4258 Datasheet HTML 5Page - Linear Technology LTC4258 Datasheet HTML 6Page - Linear Technology LTC4258 Datasheet HTML 7Page - Linear Technology LTC4258 Datasheet HTML 8Page - Linear Technology LTC4258 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC4258
4
4258fb
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND = DGND = 0V, VDD = 3.3V, VEE = –48V unless otherwise noted
(Note 5).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSTART
Maximum Current Limit Duration During
tSTART1 = 0, tSTART0 = 0 (Figure 3)
●
50
60
70
ms
Port Start-Up
tSTART1 = 0, tSTART0 = 1 (Figure 3)
●
25
30
35
ms
tSTART1 = 1, tSTART0 = 0 (Figure 3)
●
100
120
140
ms
tSTART1 = 1, tSTART0 = 1 (Figure 3)
●
200
240
280
ms
tICUT
Maximum Current Limit Duration After
tICUT1 = 0, tICUT0 = 0 (Figure 3)
●
50
60
70
ms
Port Start-Up
tICUT1 = 0, tICUT0 = 1 (Figure 3)
●
25
30
35
ms
tICUT1 = 1, tICUT0 = 0 (Figure 3)
●
100
120
140
ms
tICUT1 = 1, tICUT0 = 1 (Figure 3)
●
200
240
280
ms
DCCLMAX
Maximum Current Limit Duty Cycle
Reg16h = 00h
●
5.8
6.3
6.7
%
tDIS
Disconnect Delay
tDIS1 = 0, tDIS0 = 0 (Figure 4)
●
300
360
400
ms
tDIS1 = 0, tDIS0 = 1 (Figure 4)
●
75
90
100
ms
tDIS1 = 1, tDIS0 = 0 (Figure 4)
●
150
180
200
ms
tDIS1 = 1, tDIS0 = 1 (Figure 4)
●
600
720
800
ms
tVMIN
DC Disconnect Minimum Pulse
VSENSEn – VEE > 5mV, VOUTn = –48V (Figure 4)
●
0.02
1
ms
Width Sensitivity
(Note 9)
I2C Timing
fSCLK
Clock Frequency
(Note 9)
●
400
kHz
t1
Bus Free Time
Figure 5 (Notes 9, 10)
●
1.3
µs
t2
Start Hold Time
Figure 5 (Notes 9, 10)
●
600
ns
t3
SCL Low Time
Figure 5 (Notes 9, 10)
●
1.3
µs
t4
SCL High Time
Figure 5 (Notes 9, 10)
●
600
ns
t5
Data Hold Time
Figure 5 (Notes 9, 10)
●
150
ns
t6
Data Set-Up Time
Figure 5 (Notes 9, 10)
●
200
ns
t7
Start Set-Up Time
Figure 5 (Notes 9, 10)
●
600
ns
t8
Stop Set-Up Time
Figure 5 (Notes 9, 10)
●
600
ns
tr
SCL, SDAIN Rise Time
Figure 5 (Notes 9, 10)
●
20
300
ns
tf
SCL, SDAIN Fall Time
Figure 5 (Notes 9, 10)
●
20
150
ns
tFLTINT
Fault Present to INT Pin Low
(Notes 9, 10, 11)
●
20
150
ns
tSTOPINT
Stop Condition to INT Pin Low
(Notes 9, 10, 11)
●
60
200
ns
tARAINT
ARA to INT Pin High Time
(Notes 9, 10)
●
20
300
ns
pins are negative. All voltages are referenced to ground (AGND and DGND)
unless otherwise specified.
Note 6: The LTC4258 is designed to maintain a port voltage of –46.6V to
–57V. The VEE supply voltage range accounts for the drop across the
MOSFET and sense resistor.
Note 7: The LTC4258 implements overload current detection per IEEE
802.3af. The minimum overload current (ICUT) is dependent on port
voltage; ICUT_MIN = 15.4W/VPORT_MIN. An IEEE compliant system using the
LTC4258 should maintain port voltage above –46.6V.
Note 8: VEE supply current while classifying a short is measured indirectly
by measuring the DETECT
n pin current while classifying a short.
Note 9: Guaranteed by design, not subject to test.
Note 10: Values measured at VILD and VIHD.
Note 11: If fault occurs during an I2C transaction, the INT pin will not be
pulled down until a stop condition is present on the I2C bus.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: DGND and AGND should be tied together in normal operation.
Note 3: An internal clamp limits the GATE pins to a minimum of 12V above
VEE. Driving this pin beyond the clamp may damage the part.
Note 4: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 5: All currents into device pins are positive; all currents out of device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com