Electronic Components Datasheet Search
  English  ▼

X  

LTC4258 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 3 Page - Linear Technology

  LTC4258 Datasheet HTML 1Page - Linear Technology LTC4258 Datasheet HTML 2Page - Linear Technology LTC4258 Datasheet HTML 3Page - Linear Technology LTC4258 Datasheet HTML 4Page - Linear Technology LTC4258 Datasheet HTML 5Page - Linear Technology LTC4258 Datasheet HTML 6Page - Linear Technology LTC4258 Datasheet HTML 7Page - Linear Technology LTC4258 Datasheet HTML 8Page - Linear Technology LTC4258 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC4258
3
4258fb
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. AGND = DGND = 0V, VDD = 3.3V, VEE = –48V unless otherwise noted
(Note 5).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ITCLASS
Classification Threshold Current
Class 0-1
●
5.5
6.5
7.5
mA
Class 1-2
●
13
14.5
16
mA
Class 2-3
●
21
23
25
mA
Class 3-4
●
31
33
35
mA
Class 4-Overcurrent
●
45
48
51
mA
Gate Driver
IGON
GATE Pin Current
Gate On, VGATEn = VEE
●
–20
–50
–70
µA
IGOFF
GATE Pin Current
Gate Off, VGATEn = VEE + 5V
●
30
300
µA
IGPD
GATE Pin Short-Circuit Pull-Down
VGATEn = VEE + 2V
50
mA
∆VGATE
External Gate Voltage (VGATEn – VEE)IGATEn = – 1µA (Note 3)
●
10
13
15
V
Output Voltage Sense
VPG
Power Good Threshold Voltage
VOUTn – VEE
●
123
V
IVOUT
Out Pin Bias Current
0V > VOUTn > –10V
●
–6
µA
–10V > VOUTn > –30V
●
–18
µA
VOUTn = –48V
–20
µA
Current Sense
VCUT
Overcurrent Detection Sense Voltage
VSENSEn – VEE, VOUT = VEE (Note 7)
166
187.5
199
mV
VLIM
Current Limit Sense Voltage
VSENSEn – VEE, VOUTn = VEE
201
212.5
224
mV
VSENSEn – VEE, VOUTn = AGND – 30V
201
224
mV
VSENSEn – VEE, VOUTn = AGND – 10V
30.2
mV
VMIN
DC Disconnect Sense Voltage
VSENSEn – VEE
2.52
3.75
4.97
mV
VSC
Short-Circuit Sense Voltage
275
mV
ISENSE
SENSE Pin Bias Current
VSENSEn = VEE
–50
µA
Digital Interface
VOLD
Digital Output Low Voltage
ISDAOUT = 3mA, IINT = 3mA
●
0.4
V
ISDAOUT = 5mA, IINT = 5mA
●
0.7
V
VILD
Digital Input Low Voltage
SCL, SDAIN, RESET, SHDN
n, AUTO, ADn
●
0.8
V
VIHD
Digital Input High Voltage
SCL, SDAIN, RESET, SHDN
n, AUTO, ADn
●
2.4
V
RPU
Pull-Up Resistor to VDD
AD
n, RESET, SHDNn
50
k
Ω
RPD
Pull-Down Resistor to DGND
AUTO
50
k
Ω
AC Characteristics
tDETDLY
Detection Delay
From Detect Command or Application of PD to Port
●
170
590
ms
to Detect Complete (Figure 2)
tDET
Detection Duration
Time to Measure PD Signature Resistance (Figure 2)
●
170
230
ms
tCLSDLY
Classification Delay
From Successful Detect in Auto or Semiauto Mode
●
10.1
52
ms
to Class Complete
From Classify Command in Manual Mode (Figure 2)
●
10.1
420
ms
tCLASS
Classification Duration
(Figure 2)
●
10.1
13
ms
tPON
Power On Delay, Auto Mode
From Valid Detect to Port On in Auto Mode (Figure 2)
●
130
ms
From Port On Command to GATE Pin Current = IGON
●
1ms
(Note 9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com