Electronic Components Datasheet Search
  English  ▼

X  

LTC4258 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4258
Description  Quad IEEE 802.3af Power over Ethernet Controller with Integrated Detection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 2Page - Linear Technology LTC4258 Datasheet HTML 3Page - Linear Technology LTC4258 Datasheet HTML 4Page - Linear Technology LTC4258 Datasheet HTML 5Page - Linear Technology LTC4258 Datasheet HTML 6Page - Linear Technology LTC4258 Datasheet HTML 7Page - Linear Technology LTC4258 Datasheet HTML 8Page - Linear Technology LTC4258 Datasheet HTML 9Page - Linear Technology LTC4258 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LTC4258
6
4258fb
Figure 3. Current Limit Timing
Figure 4. DC Disconnect Timing
TEST TI I G
Figure 5. I2C Interface Timing
Figure 2. Detect, Class and Turn-On Timing in Auto or Semiauto Modes
SCL
SDA
t1
t2
t3
tr
tf
t5
t6
t7
t8
t4
4258 F05
0V
VPORTn
VGATEn
INT
PD
INSERTED
VEE
VCLASS
VT
PORT
TURN ON
(AUTO MODE)
tCLSDLY
tCLASS
4258 F02
tDETDLY
tDET
tPON
VLIM
VCUT
0V
VSENSEn TO VEE
INT
4258 F03
tSTART, tICUT
VMIN
VSENSEn
TO VEE
INT
tDIS
tVMIN
4258 F04
Figure 6. Writing to a Register
Figure 7. Reading from a Register
TI I G DIAGRA S
SCL
SDA
4258 F06
00
1
AD3 AD2 AD1 AD0
A7
A6
A5
A4
A3
A2
A1
A0
R/W ACK
D7
D6
D5
D4
D3
D2
D1
D0
ACK
ACK
START BY
MASTER
ACK BY
SLAVE
ACK BY
SLAVE
ACK BY
SLAVE
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
REGISTER ADDRESS BYTE
FRAME 3
DATA BYTE
STOP BY
MASTER
SCL
SDA
00
1
AD3 AD2 AD1 AD0
A7
A6
A5
A4
A3
A2
A1
A0
R/W ACK
ACK
00
1
AD3 AD2 AD1 AD0
D7
D6
D5
D4
D3
D2
D1
D0
R/W ACK
ACK
START BY
MASTER
ACK BY
SLAVE
ACK BY
SLAVE
4258 F07
STOP BY
MASTER
REPEATED
START BY
MASTER
ACK BY
SLAVE
NO ACK BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
REGISTER ADDRESS BYTE
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
DATA BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com