Electronic Components Datasheet Search
  English  ▼

X  

LTC5532 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC5532
Description  Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5532 Datasheet(HTML) 1 Page - Linear Technology

  LTC5532 Datasheet HTML 1Page - Linear Technology LTC5532 Datasheet HTML 2Page - Linear Technology LTC5532 Datasheet HTML 3Page - Linear Technology LTC5532 Datasheet HTML 4Page - Linear Technology LTC5532 Datasheet HTML 5Page - Linear Technology LTC5532 Datasheet HTML 6Page - Linear Technology LTC5532 Datasheet HTML 7Page - Linear Technology LTC5532 Datasheet HTML 8Page - Linear Technology LTC5532 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC5532
1
5532f
s
802.11a, 802.11b, 802.11g, 802.15
s
Multimode Mobile Phone Products
s
Optical Data Links
s
Wireless Data Modems
s
Wireless and Cable Infrastructure
s
RF Power Alarm
s
Envelope Detector
s
Temperature Compensated Internal Schottky
Diode RF Detector
s
Wide Input Frequency Range: 300MHz to 7GHz*
s
Wide Input Power Range: –32dBm to 10dBm
s
Buffered Detector Output with External Gain Control
s
Precision VOUT Offset Control
s
Low Starting Voltage: 120mV
±35mV for Gain = 2x
s
Wide VCC Range of 2.7V to 6V
s
Low Operating Current: 500
µA
s
Available in a Low Profile (1mm) SOT-23 Package
and Tiny 6-Lead (2mm
× 2mm) DFN Package
Precision 300MHz to 7GHz
RF Detector with Gain
and Offset Adjustment
The LTC
®5532 is an RF power detector for RF applications
operating in the 300MHz to 7GHz range. A temperature
compensated Schottky diode peak detector and buffer
amplifier are combined in a small ThinSOT
TM or (2mm
×
2mm) DFN package. The supply voltage range is opti-
mized for operation from a single lithium-ion cell or 3
×
NiMH.
The RF input voltage is peak detected using an on-chip
Schottky diode. The detected voltage is buffered and
supplied to the VOUT pin.
The LTC5532 output buffer gain is set via external resis-
tors. The initial starting voltage of 120mV
±35mV can be
precisely adjusted using the VOS pin.
The LTC5532 operates with RF input power levels from
–32dBm to 10dBm.
, LTC and LT are registered trademarks of Linear Technology Corporation.
300MHz to 7GHz RF Power Detector
(SOT-23 Package)
Output Voltage vs RF Input Power
(SOT-23 Package)
ThinSOT is a trademark of Linear Technology Corporation.
*Higher frequency operation is achievable with reduced performance. Consult factory for more
information.
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO
LTC5532ES6
1
2
3
6
5
4
100pF
0.1
µF
VCC
VOS
REFERENCE
VCC
VOUT
RFIN
GND
VOS
33pF
5532 TA01
RF
INPUT
VM
RA
RB
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 TA02
–32 –27 –22 –17 –12 –7
–2
3
8
VCC = 3.6V
TA = 25°C
GAIN = 2
VOS = 0V
7000MHz
6000MHz
5000MHz
1000MHz
3000MHz
4000MHz
2000MHz
300MHz


Similar Part No. - LTC5532

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5532 LINER-LTC5532 Datasheet
307Kb / 16P
800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LTC5532 LINER-LTC5532 Datasheet
151Kb / 12P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5532 LINER-LTC5532 Datasheet
228Kb / 14P
UltraFast??7ns Response Time 15GHz RF Power Detector with Comparator
LTC5532 LINER-LTC5532 Datasheet
288Kb / 16P
Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
More results

Similar Description - LTC5532

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5508 LINER-LTC5508 Datasheet
251Kb / 8P
300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5532 LINER-LTC5532 Datasheet
237Kb / 12P
300MHz to 7GHz Precision RF Power Detector with Gain and Offset Adjustment
LTC5530 LINER-LTC5530 Datasheet
311Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5531 LINER-LTC5531 Datasheet
221Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5535 LINER-LTC5535 Datasheet
237Kb / 12P
Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
LTC5508 LINER-LTC5508_15 Datasheet
262Kb / 8P
300MHz to 7GHz RF Power Detector with Buffered Output in SC70 Package
LTC5530 LINER-LTC5530_15 Datasheet
317Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Gain Adjustment
LTC5531 LINER-LTC5531_15 Datasheet
226Kb / 12P
Precision 300MHz to 7GHz RF Detector with Shutdown and Offset Adjustment
LTC5532 LINER-LTC5532_15 Datasheet
288Kb / 16P
Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
LTC5535 LINER-LTC5535_15 Datasheet
243Kb / 12P
Precision 600MHz to 7GHz, RF Detector with Adjustable Gain and 12MHz Baseband Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com