Electronic Components Datasheet Search
  English  ▼

X  

LTC5532 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5532
Description  Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5532 Datasheet(HTML) 3 Page - Linear Technology

  LTC5532 Datasheet HTML 1Page - Linear Technology LTC5532 Datasheet HTML 2Page - Linear Technology LTC5532 Datasheet HTML 3Page - Linear Technology LTC5532 Datasheet HTML 4Page - Linear Technology LTC5532 Datasheet HTML 5Page - Linear Technology LTC5532 Datasheet HTML 6Page - Linear Technology LTC5532 Datasheet HTML 7Page - Linear Technology LTC5532 Datasheet HTML 8Page - Linear Technology LTC5532 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC5532
3
5532f
TYPICAL PERFOR A CE CHARACTERISTICS
Output Delay vs RF Input Power
Typical Detector Characteristics,
300MHz, Gain = 2, VOS = 0V
Typical Detector Characteristics,
1000MHz, Gain = 2, VOS = 0V
Typical Detector Characteristics,
2000MHz, Gain = 2, VOS = 0V
Typical Detector Characteristics,
3000MHz, Gain = 2, VOS = 0V
Typical Detector Characteristics,
4000MHz, Gain = 2, VOS = 0V
Typical Detector Characteristics,
5000MHz, Gain = 2, VOS = 0V
(SOT-23 Package)
Output Voltage vs Supply Voltage
(RF Input Signal Off)
Supply Current vs Supply Voltage
(RF Input Signal Off)
(RLOAD = 20k) Characteristics are for both packages
unless otherwise indicated.
SUPPLY VOLTAGE (V)
2.5
130
125
120
115
110
5.0
5532 G01
4.5
3.5
5.5
4.0
3.0
6.0
VOS = 0V
GAIN = 2
TA = 85°C
TA = 25°C
TA = –40°C
SUPPLY VOLTAGE (V)
2.5
500
480
460
440
420
5.0
5532 G02
4.5
3.5
5.5
4.0
3.0
6.0
TA = 85°C
TA = 25°C
TA = –40°C
RF INPUT POWER (dBm)
–10
10
5532 G03
–5
0
5
1000
800
600
400
200
0
VCC = 3.6V
TA = 25°C
VOS = 0V
GAIN = 2
90% SWITCHING
50% SWITCHING
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G04
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
TA = –40°C
TA = 85°C
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G05
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
TA = –40°C
TA = 85°C
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G06
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
TA = –40°C
TA = 85°C
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G07
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
TA = –40°C
TA = 85°C
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G08
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
TA = –40°C
TA = 85°C
TA = 25°C
3600
3200
2800
2400
2000
1600
1200
800
400
0
RF INPUT POWER (dBm)
5532 G09
–32 –28 –24 –20 –16 –12 –8 –4
0
4
8
VCC = 3.6V
TA = –40°C
TA = 85°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com