Electronic Components Datasheet Search
  English  ▼

X  

LTC5532 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC5532
Description  Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5532 Datasheet(HTML) 5 Page - Linear Technology

  LTC5532 Datasheet HTML 1Page - Linear Technology LTC5532 Datasheet HTML 2Page - Linear Technology LTC5532 Datasheet HTML 3Page - Linear Technology LTC5532 Datasheet HTML 4Page - Linear Technology LTC5532 Datasheet HTML 5Page - Linear Technology LTC5532 Datasheet HTML 6Page - Linear Technology LTC5532 Datasheet HTML 7Page - Linear Technology LTC5532 Datasheet HTML 8Page - Linear Technology LTC5532 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC5532
5
5532f
VOUT Slope vs RF Input Power
at 300MHz
VOUT Slope vs RF Input Power
at 1000MHz
VOUT Slope vs RF Input Power
at 2000MHz
VOUT Slope vs RF Input Power
at 3000MHz
VOUT Slope vs RF Input Power
at 4000MHz
VOUT Slope vs RF Input Power
at 5000MHz (SOT-23 Package)
VOUT Slope vs RF Input Power
at 6000MHz (SOT-23 Package)
VOUT Slope vs RF Input Power
at 7000MHz (SOT-23 Package)
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5532 G17
–20
–15
–10
0
–5
VCC = 3.6V
GAIN = 2
VOS = 0V
TA = –40°C
TA = 85°C
TA = 25°C
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5532 G18
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
VOS = 0V
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5532 G19
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
VOS = 0V
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5532 G20
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
VOS = 0V
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5532 G21
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
VOS = 0V
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5532 G22
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
VOS = 0V
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5532 G23
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
VOS = 0V
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5532 G22
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
TA = 25°C
VCC = 3.6V
GAIN = 2
VOS = 0V
TYPICAL PERFOR A CE CHARACTERISTICS (R
LOAD = 20k) Characteristics are for both packages
unless otherwise indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com