Electronic Components Datasheet Search
  English  ▼

X  

LTC5532 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5532
Description  Precision 300MHz to 7GHz RF Detector with Gain and Offset Adjustment
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5532 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC5532 Datasheet HTML 2Page - Linear Technology LTC5532 Datasheet HTML 3Page - Linear Technology LTC5532 Datasheet HTML 4Page - Linear Technology LTC5532 Datasheet HTML 5Page - Linear Technology LTC5532 Datasheet HTML 6Page - Linear Technology LTC5532 Datasheet HTML 7Page - Linear Technology LTC5532 Datasheet HTML 8Page - Linear Technology LTC5532 Datasheet HTML 9Page - Linear Technology LTC5532 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC5532
6
5532f
TYPICAL PERFOR A CE CHARACTERISTICS
Typical Detector Characteristics
5000MHz, Gain = 2, VOS = 0V
(DFN Package)
Output Voltage vs RF Input Power
(DFN Package)
VOUT Slope vs RF Input Power
at 5000MHz (DFN Package)
VOUT Slope vs RF Input Power
at 6000MHz (DFN Package)
VOUT Slope vs RF Input Power
at 7000MHz (DFN Package)
(DFN package, RLOAD = 20k)
RF INPUT POWER (dBm)
–32
0
400
1200
1600
2000
–8 –4
0
4
3600
5532 G25
800
–28 –24 –20 –16 –12
8
2400
2800
3200
TA = –40°C
VCC = 3.6V
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–32
0
400
1200
1600
2000
–8 –4
0
4
3600
5532 G26
800
–28 –24 –20 –16 –12
8
2400
2800
3200
TA = –40°C
VCC = 3.6V
TA = 25°C
TA = 85°C
RF INPUT POWER (dBm)
–32
0
400
1200
1600
2000
–8 –4
0
4
3600
5532 G27
800
–28 –24 –20 –16 –12
8
2400
2800
3200
TA = –40°C
VCC = 3.6V
TA = 25°C
TA = 85°C
Typical Detector Characteristics
6000MHz, Gain = 2, VOS = 0V
(DFN Package)
Typical Detector Characteristics
7000MHz, Gain = 2, VOS = 0V
(DFN Package)
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5532 G29
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
VCC = 3.6V
GAIN = 2
VOS = 0V
TA = 25°C
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5532 G30
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
VCC = 3.6V
GAIN = 2
VOS = 0V
TA = 25°C
RF INPUT POWER (dBm)
–30
1000
100
10
1
–25
5
5532 G31
–20
–15
–10
0
–5
TA = –40°C
TA = 85°C
VCC = 3.6V
GAIN = 2
VOS = 0V
TA = 25°C
RF INPUT POWER (dBm)
–32
2000
2400
2800
8
5532 G28
1600
1200
0
–22
–12
–2
–27
–17
–7
3
800
400
3600
VCC = 3.6V
TA = 25°C
GAIN = 2
VOS = 0V
3200
300MHz
1GHz
2GHz
4GHz
5GHz
6GHz
7GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com