Electronic Components Datasheet Search
  English  ▼

X  

LTC6084 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC6084
Description  Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6084 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC6084 Datasheet HTML 3Page - Linear Technology LTC6084 Datasheet HTML 4Page - Linear Technology LTC6084 Datasheet HTML 5Page - Linear Technology LTC6084 Datasheet HTML 6Page - Linear Technology LTC6084 Datasheet HTML 7Page - Linear Technology LTC6084 Datasheet HTML 8Page - Linear Technology LTC6084 Datasheet HTML 9Page - Linear Technology LTC6084 Datasheet HTML 10Page - Linear Technology LTC6084 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6084/LTC6085
7
60845f
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Temperature
Open-Loop Gain vs Frequency
CMRR vs Frequency
Output Impedance vs Frequency
Disabled Output Impedance
vs Frequency
TOTAL SUPPLY VOLTAGE (V)
0
140
100
60
20
120
80
40
0
1.5
3.5
0.5
2.5
4.5
60845 G10
5
13
24
PER AMPLIFIER
VCM = 0.5V
TA = 25°C
TEMPERATURE (°C)
–55
140
120
100
130
110
90
–10
50
–40
20
110
60845 G11
125
–25
35
565 80 95
PER AMPLIFIER
VCM = 0.5V
VS = 5V
VS = 2.5V
FREQUENCY (Hz)
60845 G12
100
90
–20
–10
20
10
0
30
40
50
60
70
80
–30
–40
100
–20
20
0
40
60
80
–40
1k
1M
10M
100k
10k
CL = 5pF
RL = 10k
VCM = VS/2
TA = 25°C
PHASE
GAIN
VS = 5V
VS = 2.5V
FREQUENCY (Hz)
60845 G13
120
90
100
20
10
0
30
40
50
60
70
80
110
–10
1k
1M
10M
100k
10k
VS = 5V
VCM = 2.5V
RL = 1k
TA = 25°C
PSRR vs Frequency
FREQUENCY (Hz)
60845 G14
100
90
20
30
40
50
60
70
80
10
0
–10
100
1k
1M
10M
100k
10k
VS = 5V
VCM = 2.5V
TA = 25°C
FREQUENCY (Hz)
60845 G14
10000
1
10
100
1000
0.1
0.01
0.001
100
1k
1M
10M
100M
100k
10k
VS = 5V
VCM = 2.5V
TA = 25°C
AV = 10
AV = 1
AV = 2
FREQUENCY (Hz)
60845 G16
1000
100
1
10
0.1
100
1k
1M
10M
100k
10k
VS = 5V
VCM = 1V
AV = 1
TA = 25°C
Capacitive Load Handling
CAPACITIVE LOAD (pF)
60845 G17
40
20
15
10
5
25
30
35
0
10
100
1000
VS = 5V
VCM = 2.5V
AV = 1
RS = 50Ω
RS
CL
RS = 10Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com