Electronic Components Datasheet Search
  English  ▼

X  

LTC6084 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC6084
Description  Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6084 Datasheet(HTML) 4 Page - Linear Technology

  LTC6084 Datasheet HTML 1Page - Linear Technology LTC6084 Datasheet HTML 2Page - Linear Technology LTC6084 Datasheet HTML 3Page - Linear Technology LTC6084 Datasheet HTML 4Page - Linear Technology LTC6084 Datasheet HTML 5Page - Linear Technology LTC6084 Datasheet HTML 6Page - Linear Technology LTC6084 Datasheet HTML 7Page - Linear Technology LTC6084 Datasheet HTML 8Page - Linear Technology LTC6084 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC6084/LTC6085
4
60845f
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.5V, V– = 0V, VCM = 0.5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
C SUFFIX
H SUFFIX
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ISC
Output Short-Circuit
Current
Source and Sink
l
7.7
6
12.5
7.7
4.5
12.5
mA
mA
SR
Slew Rate
AV = 1
0.5
0.5
V/μs
GBW
Gain Bandwidth Product
(fTEST = 10kHz)
RLOAD = 50k
l
0.9
0.7
1.5
0.9
0.6
1.5
MHz
Φ0
Phase Margin
RL = 10k, CL = 150pF, AV = 1
45
45
Deg
tS
Settling Time 0.1%
VSTEP = 1V, AV = 1
6
6
μs
IS
Supply Current
(Per Amplifier)
No Load
l
110
130
140
110
130
145
μA
μA
Shutdown Current
(Per Amplifier)
Shutdown, VSHDNx ≤ 0.5V
l
0.2
0.3
0.2
0.5
μA
VS
Supply Voltage Range
Guaranteed by the PSRR Test
l
2.5
5.5
2.5
5.5
V
Channel Separation
fS = 10kHz
–120
–120
dB
Shutdown Logic
SHDNx High
SHDNx Low
1.8
0.5
1.8
0.5
V
V
tON
Turn On Time
VSHDNx = 0.5V to 1.8V
7
7
μs
tOFF
Turn Off Time
VSHDNx = 1.8V to 0.5V
1
1
μs
Leakage of SHDN Pin
VSHDNx = 0V
l
0.2
0.3
0.2
0.5
μA
The
l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. Test
conditions are V+ = 5V, V– = 0V, VCM = 0.5V unless otherwise noted.
C SUFFIX
H SUFFIX
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Offset Voltage (Note 5)
LTC6084MS8, LTC6085GN
LTC6084DD, LTC6085DHC
LTC6084MS8, LTC6085GN
LTC6084DD, LTC6085DHC
l
l
300
300
750
1100
900
1350
300
300
750
1100
1100
1600
μV
μV
μV
μV
ΔVOS/ΔT
Input Offset Voltage Drift
(Note 6)
l
25
25
μV/°C
IB
Input Bias Current
(Notes 5, 7)
l
1
40
1
750
pA
pA
IOS
Input Offset Current
(Notes 5, 7)
l
0.5
30
0.5
150
pA
pA
en
Input Noise Voltage
Density
f = 1kHz
f = 10kHz
31
27
31
27
nV/√Hz
nV/√Hz
Input Noise Voltage
0.1Hz to 10Hz
3
3
μVP-P
in
Input Noise Current
Density (Note 8)
0.56
0.56
fA/√Hz
Input Common Mode
Range
l
V–
V+
V–
V+
V
CIN
Input Capacitance
Differential Mode
Common Mode
f = 100kHz
5
9
5
9
pF
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com