Electronic Components Datasheet Search
  English  ▼

X  

LTC6084 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6084
Description  Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6084 Datasheet(HTML) 3 Page - Linear Technology

  LTC6084 Datasheet HTML 1Page - Linear Technology LTC6084 Datasheet HTML 2Page - Linear Technology LTC6084 Datasheet HTML 3Page - Linear Technology LTC6084 Datasheet HTML 4Page - Linear Technology LTC6084 Datasheet HTML 5Page - Linear Technology LTC6084 Datasheet HTML 6Page - Linear Technology LTC6084 Datasheet HTML 7Page - Linear Technology LTC6084 Datasheet HTML 8Page - Linear Technology LTC6084 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC6084/LTC6085
3
60845f
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Test conditions are V+ = 2.5V, V– = 0V, VCM = 0.5V unless otherwise noted.
ORDER INFORMATION
C SUFFIX
H SUFFIX
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Offset Voltage (Note 5)
LTC6084MS8, LTC6085GN
LTC6084DD, LTC6085DHC
LTC6084MS8, LTC6085GN
LTC6084DD, LTC6085DHC
l
l
300
300
750
1100
900
1350
300
300
750
1100
1100
1600
μV
μV
μV
μV
ΔVOS/ΔT
Input Offset Voltage Drift
(Note 6)
l
25
25
μV/°C
IB
Input Bias Current
(Notes 5, 7)
Guaranteed by 5V Test
l
1
40
1
750
pA
pA
IOS
Input Offset Current
(Notes 5, 7)
Guaranteed by 5V Test
l
0.5
30
0.5
150
pA
pA
en
Input Noise Voltage
Density
f = 1kHz
f = 10kHz
31
27
31
27
nV/√Hz
nV/√Hz
Input Noise Voltage
0.1Hz to 10Hz
3
3
μVP-P
in
Input Noise Current
Density (Note 8)
0.56
0.56
fA/√Hz
Input Common Mode
Range
l
V–
V+
V–
V+
V
CIN
Input Capacitance
Differential Mode
Common Mode
f = 100kHz
5
9
5
9
pF
pF
CMRR
Common Mode Rejection
Ratio
0 ≤ VCM ≤ 2.5V
l
64
63
80
64
61
80
dB
dB
PSRR
Power Supply Rejection
Ratio
VS = 2.5V to 5.5V
l
94
91
115
94
89
115
dB
dB
VOUT
Output Voltage, High,
(Referred to V+)
No Load
ISOURCE = 1mA
ISOURCE = 5mA
l
l
l
0.5
39
220
5
85
460
0.5
39
220
10
100
mV
mV
mV
Output Voltage, Low,
(Referred to V–)
No Load
ISINK = 1mA
ISINK = 5mA
l
l
l
0.5
36
200
5
85
460
0.5
36
200
10
100
mV
mV
mV
AVOL
Large-Signal Voltage Gain RLOAD = 10k
l
400
200
2000
400
150
2000
V/mV
V/mV
ELECTRICAL CHARACTERISTICS
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6085CGN#PBF
LTC6085CGN#TRPBF
6085
16-Lead Plastic SSOP
0°C to 70°C
LTC6085HGN#PBF
LTC6085HGN#TRPBF
6085
16-Lead Plastic SSOP
–40°C to 125°C
LTC6085CDHC#PBF
LTC6085CDHC#TRPBF
6085
16-Lead (5mm × 3mm) Plastic DFN
0°C to 70°C
LTC6085HDHC#PBF
LTC6085HDHC#TRPBF
6085
16-Lead (5mm × 3mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com