Electronic Components Datasheet Search
  English  ▼

X  

LTC6084 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6084
Description  Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6084 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6084 Datasheet HTML 2Page - Linear Technology LTC6084 Datasheet HTML 3Page - Linear Technology LTC6084 Datasheet HTML 4Page - Linear Technology LTC6084 Datasheet HTML 5Page - Linear Technology LTC6084 Datasheet HTML 6Page - Linear Technology LTC6084 Datasheet HTML 7Page - Linear Technology LTC6084 Datasheet HTML 8Page - Linear Technology LTC6084 Datasheet HTML 9Page - Linear Technology LTC6084 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6084/LTC6085
6
60845f
TYPICAL PERFORMANCE CHARACTERISTICS
VOS Distribution
VOS vs VCM
VOS Drift Distribution
Input Bias vs Temperature
Input Bias Current
vs Common Mode Voltage
Input Noise Voltage vs Frequency
0.1Hz to 10Hz Output Voltage
Noise
Input Noise Current vs Frequency
Output Saturation Voltage
vs Load Current (Output High)
VOS (mV)
–1
20
18
14
10
6
2
16
12
8
4
0
–0.4
0.4
–0.8
0
0.8
60845 G01
1
–0.6
0.2
–0.2
0.6
LTC6084 MS8
VS = 5V
VCM = 0.5V
TA = 25°C
100 UNITS
VCM (V)
0
1.0
0.8
0.4
0.0
–0.4
–0.8
0.6
0.2
–0.2
–0.6
–1.0
1.5
3.5
0.5
2.5
4.5
60845 G02
5
13
24
VS = 5V
TA = 25°C
REPRESENTATIVE PARTS
DISTRIBUTION (μV/°C)
–1
30
18
20
22
24
14
10
6
2
16
12
8
4
0
0.5
2.5
–0.5
1.5
3.5
60845 G03
4.5
02
13
4
LTC6084 MS8
VS = 5V
VCM = 2.5V
TA = –40°C TO 125°C
78 UNITS
28
26
TEMPERATURE (°C)
60845 G04
1000
100
10
1
25
115
130
100
85
70
55
40
VS = 5V
VCM = 2.5V
COMMON MODE VOLTAGE (V)
60845 G05
10000
1000
100
10
1
0.1
0.01
0
0.5
1
4.5
5
4
1.5
2
2.5
3
3.5
VS = 5V
TA = 125°C
TA = 85°C
TA = 85°C
TA = 25°C
FREQUENCY (Hz)
60845 G06
100
90
80
70
60
50
40
20
30
10
0
10
10k
100k
1k
100
VS = 5V
VCM = 2.5V
TA = 25°C
TIME (1s/DIV)
60845 G07
VS = 5V
VCM = 2.5V
FREQUENCY (Hz)
60845 G08
600
500
400
200
300
100
0
1
10
10k
100k
1k
100
LOAD CURRENT (mA)
60845 G09
5.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.5
0.0
0.1
10
100
1
VS = 5V
VCM = 2.5V
SOURCE
SINK
TA = –55°C
TA = 25°C
TA = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com