Electronic Components Datasheet Search
  English  ▼

X  

LTC6406 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6406
Description  3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6406 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6406 Datasheet HTML 9Page - Linear Technology LTC6406 Datasheet HTML 10Page - Linear Technology LTC6406 Datasheet HTML 11Page - Linear Technology LTC6406 Datasheet HTML 12Page - Linear Technology LTC6406 Datasheet HTML 13Page - Linear Technology LTC6406 Datasheet HTML 14Page - Linear Technology LTC6406 Datasheet HTML 15Page - Linear Technology LTC6406 Datasheet HTML 16Page - Linear Technology LTC6406 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC6406
13
6406fb
APPLICATIONS INFORMATION
Figure 2. AC Test Circuit (–3dB BW Testing)
0.01μF
–
+
1
SHDN
5
6
7
8
16
15
NC
14
13
2
V+
3
V–
V+
V–
V+
V–
4
VOCM
VSHDN
VVOCM
VOCM
12
V–
V–
11
V+
10
V+
9
V–
V–
V–
V–
V–
V–
6406 F02
LTC6406
SHDN
0.1μF
0.01μF
RT CHOSEN SO
THAT RT||RI = 100Ω
0.1μF
0.1μF
0.1μF
0.1μF
RI
RI
100Ω
100Ω
RT
50Ω
MINI-CIRCUITS
TCM4-19
MINI-CIRCUITS
TCM4-19
V+OUT
V–OUT
V+
0.1μF
0.1μF
0.1μF
0.1μF
0.1μF
+
–
VIN
50Ω
VTIP
RT
–IN
+OUT
+OUTF
+IN
–OUT
100k
–OUTF
V–OUTF
RF
CF
V+OUTF
V+
CF
RF
1.25pF
1.25pF
1.25pF
50Ω
50Ω
V–IN
V+IN
output phase balancing to reduce even order harmonics,
and centers each individual output about the potential set
by the VOCM pin.
V
OUTCM = VOCM =
V+OUT + V–OUT
2
The outputs (+OUT and –OUT) of the LTC6406 are capable
of swinging from close to ground to typically 1V below
V+. They can source or sink up to approximately 55mA of
current. Each output is designed to directly drive up to 5pF
to ground. Higher load capacitances should be decoupled
with at least 15
Ω of series resistance from each output.
Input Pin Protection
The LTC6406 input stage is protected against differential
input voltages which exceed 1.4V by two pairs of series
diodes connected back to back between +IN and –IN. In
addition, the input pins have clamping diodes to either
power supply. If the input pins are over-driven, the current
should be limited to under 10mA to prevent damage to the
IC. The LTC6406 also has clamping diodes to either power
supply on the VOCM, VTIP and SHDN pins and if driven to
voltages which exceed either supply, they too, should be
current limited to under 10mA.
SHDN Pin
The SHDN pin is a CMOS logic input with a 100k internal
pull-up resistor. If the pin is driven low, the LTC6406 powers
down with Hi-Z outputs. If the pin is left unconnected or
driven high, the part is in normal active operation. Some
care should be taken to control leakage currents at this pin
to prevent inadvertently putting the LTC6406 into shutdown.
The turn-on and turn-off time between the shutdown and
active states are typically less than 1μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com