Electronic Components Datasheet Search
  English  ▼

X  

LTC6406 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC6406
Description  3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6406 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC6406 Datasheet HTML 16Page - Linear Technology LTC6406 Datasheet HTML 17Page - Linear Technology LTC6406 Datasheet HTML 18Page - Linear Technology LTC6406 Datasheet HTML 19Page - Linear Technology LTC6406 Datasheet HTML 20Page - Linear Technology LTC6406 Datasheet HTML 21Page - Linear Technology LTC6406 Datasheet HTML 22Page - Linear Technology LTC6406 Datasheet HTML 23Page - Linear Technology LTC6406 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC6406
21
6406fb
Figure 11. Interfacing the LTC6406 to an ADC
0.1μF
–
+
1
SHDN
5
6
–IN
7
+OUT
8
+OUTF
16
15
+IN
NC
14
–OUT
13
–OUTF
+INA
–INA
150Ω
2
V+
3
V–
V+
V+
V–
3.3V
VOCM
VOCM
12
V–
11
V+
10
V+
9
V–
V–
V–
6406 F11
LTC6406
LTC2208
VIN, 2VP-P
SHDN
150Ω
150Ω
150Ω
0.1μF
3.3V
4
0.1μF
0.1μF
CONTROL
GND
VDD
D15
•
•
D0
0.1μF
VCM
2.2μF
3.3V
1μF
1μF
VTIP
100k
1.8pF
1.8pF
1.25pF
1.25pF
1.25pF
50Ω
50Ω
APPLICATIONS INFORMATION
from properly dampening the load transient caused by
the sampling process, prolonging the time required for
settling. In 16-bit applications, this will typically require
a minimum of 11 R-C time constants. It is recommended
that the capacitor chosen have a high quality dielectric
(such as C0G multilayer ceramic).
TYPICAL APPLICATION
DC-Coupled Level Shifting of Demodulator Output
LTC2249
14-BIT ADC
80MHz
SAMPLE
CLOCK
3.3V
6406 TA02
10dBm
R9
10Ω
C8
22pF
C7
22pF
C6
22pF
C2
10pF
C1
10pF
RF IN
900MHz
–3dBm
C3
12pF
R10
10Ω
R7
49.9Ω
R5
475Ω
R6
475Ω
C5
1.8pF
C4
1.8pF
DIFF OUTPUT Z
130Ω 2.5pF
DC LEVEL
1.25V
DC LEVEL
3.9V
DC LEVEL
3.3V
GAIN: 10dB
INPUT NF: 18dB
OIP3: 44dBm
SEE DN418 FOR MORE INFORMATION
GAIN: 3dB
INPUT NF: 13dB
OIP3: 31dBm
R8
49.9Ω
R3
75Ω
R4
75Ω
R1
75Ω
R2
75Ω
0dBm
IDENTICAL
Q CHANNEL
5V
5pF
65Ω
5pF
65Ω
–
+
+
–
3.3V
LTC6406
VOCM
1.25V
5V
I
5V
5pF
65Ω
5pF
65Ω
5V
Q
5V
LT5575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com