Electronic Components Datasheet Search
  English  ▼

X  

LTC6406 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6406
Description  3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6406 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6406 Datasheet HTML 2Page - Linear Technology LTC6406 Datasheet HTML 3Page - Linear Technology LTC6406 Datasheet HTML 4Page - Linear Technology LTC6406 Datasheet HTML 5Page - Linear Technology LTC6406 Datasheet HTML 6Page - Linear Technology LTC6406 Datasheet HTML 7Page - Linear Technology LTC6406 Datasheet HTML 8Page - Linear Technology LTC6406 Datasheet HTML 9Page - Linear Technology LTC6406 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC6406
6
6406fb
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs SHDN Voltage
Shutdown Supply Current
vs Supply Voltage
SUPPLY VOLTAGE (V)
6406 G04
VSHDN = OPEN
0
2.0
3.5
3.0
0.5
1.0
1.5
2.5
20
15
10
5
0
TA = –40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 85°C
SHDN VOLTAGE (V)
6406 G05
VS = 3V
0
2.0
3.0
0.5
1.0
1.5
2.5
TA = –40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 85°C
20
15
10
5
0
SUPPLY VOLTAGE (V)
6406 G06
VSHDN = V
–
0
2.0
3.5
3.0
0.5
1.0
1.5
2.5
500
450
400
350
300
250
200
150
100
50
0
TA = –40°C
TA = 0°C
TA = 25°C
TA = 70°C
TA = 85°C
Input Noise Density vs Frequency
Input Noise Density vs Input
Common Mode Voltage
Differential Slew Rate
vs Temperature
Differential Output Impedance
vs Frequency
CMRR vs Frequency
Differential PSRR vs Frequency
FREQUENCY (Hz)
1k
100k
10M
1M
100
10k
6406 G07
1
10
100
1
10
100
VS = 3V
VICM = 1.25V
in
en
INPUT COMMON MODE VOLTAGE (V)
6406 G08
4
3
2
1
0
4
3
2
1
0
0
3.0
2.5
2.0
1.5
1.0
0.5
VS = 3V
NOISE MEASURED AT f = 1MHz
in
en
TEMPERATURE (°C)
6406 G09
VS = 3V
–50
50
100
–25
0
25
75
650
630
610
590
570
550
FREQUENCY (MHz)
6406 G10
VS = 3V
RI = RF = 150Ω
1000
100
10
1
0.01
0.1
1
100
10
1000 2000
FREQUENCY (MHz)
6406 G11
VS = 3V
VOCM = 1.25V
RI = RF = 150Ω, CF = 1.8pF
0.1% FEEDBACK NETWORK RESISTORS
80
70
60
5O
10
30
20
40
1
100
10
1000 2000
FREQUENCY (MHz)
6406 G12
VS = 3V
80
70
60
5O
10
30
20
40
1
100
10
1000 2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com