Electronic Components Datasheet Search
  English  ▼

X  

LTC6406 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6406
Description  3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6406 Datasheet(HTML) 2 Page - Linear Technology

  LTC6406 Datasheet HTML 1Page - Linear Technology LTC6406 Datasheet HTML 2Page - Linear Technology LTC6406 Datasheet HTML 3Page - Linear Technology LTC6406 Datasheet HTML 4Page - Linear Technology LTC6406 Datasheet HTML 5Page - Linear Technology LTC6406 Datasheet HTML 6Page - Linear Technology LTC6406 Datasheet HTML 7Page - Linear Technology LTC6406 Datasheet HTML 8Page - Linear Technology LTC6406 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC6406
2
6406fb
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V–) ................................3.5V
Input Current
+IN, –IN, VOCM, SHDN, VTIP (Note 2)...............±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range
(Note 4) ............................................... –40°C to 85°C
(Note 1)
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED
TEMPERATURE RANGE
LTC6406CUD#PBF
LTC6406CUD#TRPBF
LCTC
16-Lead (3mm
× 3mm) Plastic QFN
0°C to 70°C
LTC6406IUD#PBF
LTC6406IUD#TRPBF
LCTC
16-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
LTC6406CMS8E#PBF
LTC6406CMS8E#TRPBF
LTCTB
8-Lead Plastic MSOP
0°C to 70°C
LTC6406IMS8E#PBF
LTC6406IMS8E#TRPBF
LTCTB
8-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
16
17
15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm × 3mm) PLASTIC QFN
9
10
11
12
4
3
2
1
SHDN
V+
V–
VOCM
V–
V+
V+
V–
TJMAX = 150°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS V–, MUST BE SOLDERED TO PCB
1
2
3
4
TOP VIEW
MS8E PACKAGE
8-LEAD PLASTIC MSOP
1
2
3
4
–IN
VOCM
V+
+OUT
8
7
6
5
+IN
SHDN
V–
–OUT
9
TJMAX = 150°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS V–, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
Specified Temperature Range (Note 5)
LTC6406C ................................................ 0°C to 70°C
LTC6406I.............................................. –40°C to 85°C
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com