Electronic Components Datasheet Search
  English  ▼

X  

LTM4616 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4616
Description  Dual 8A per Channel Low VIN DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4616 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4616 Datasheet HTML 5Page - Linear Technology LTM4616 Datasheet HTML 6Page - Linear Technology LTM4616 Datasheet HTML 7Page - Linear Technology LTM4616 Datasheet HTML 8Page - Linear Technology LTM4616 Datasheet HTML 9Page - Linear Technology LTM4616 Datasheet HTML 10Page - Linear Technology LTM4616 Datasheet HTML 11Page - Linear Technology LTM4616 Datasheet HTML 12Page - Linear Technology LTM4616 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM4616
9
4616fa
SIMPLIFIED BLOCK DIAGRAM
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN1
CIN2
External Input Capacitor Requirement
(VIN1 = 2.7V to 5.5V, VOUT1 = 1.5V)
(VIN2 = 2.7V to 5.5V, VOUT2 = 2.5V)
IOUT1 = 8A
IOUT2 = 8A
22
22
μF
μF
COUT1
COUT2
External Output Capacitor Requirement
(VIN1 = 2.7V to 5.5V, VOUT1 = 1.5V)
(VIN2 = 2.7V to 5.5V, VOUT2 = 2.5V)
IOUT1 = 8A
IOUT2 = 8A
100
100
μF
μF
Table 1. Decoupling Requirements. TA = 25°C, Block Diagram Configuration.
The LTM4616 is a dual-output standalone nonisolated
switching mode DC/DC power supply. It can provide two
8A outputs with few external input and output capacitors.
This module provides precisely regulated output voltages
programmable via external resistors from 0.6VDC to 5VDC
over 2.7V to 5.5V input voltages. The typical application
schematic is shown in Figure 18.
The LTM4616 has integrated constant frequency current
mode regulators and built-in power MOSFET devices with
fast switching speed. The typical switching frequency is
1.5MHz. For switching noise sensitive applications, it can
be externally synchronized from 0.75MHz to 2.25MHz.
Even spread spectrum switching can be implemented in
the design to reduce noise.
With current mode control and internal feedback loop
compensation, the LTM4616 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides cycle-by-cycle fast current
limit and thermal shutdown in an overcurrent condition.
Internal overvoltage and undervoltage comparators pull
the open-drain PGOOD output low if the output feedback
voltage exits a ±10% window around the regulation point.
The power good pins are disabled during margining.
Pulling the RUN pins below 1.3V forces the regulators
into a shutdown state, by turning off both MOSFETs. The
TRACK pin is used for programming the output voltage
ramp and voltage tracking during start-up. See Applica-
tions Information section.
The LTM4616 is internally compensated to be stable over
all operating conditions. Table 3 provides a guideline for
input and output capacitances for several operating condi-
tions. The Linear Technology μModule Power Design Tool
will be provided for transient and stability analysis. The
FB pin is used to program the output voltage with a single
external resistor to ground.
Multiphase operation can be easily employed with the
synchronization and phase mode controls. Up to 12 phases
can be cascaded to run simultaneously with respect to each
other by programming the PHMODE pin to different levels.
The LTM4616 has clock in and clock out for poly phasing
multiple devices or frequency synchronization.
High efficiency at light loads can be accomplished with
selectable Burst Mode operation using the MODE pin. These
light load features will accommodate battery operation.
Efficiency graphs are provided for light load operation in
the Typical Performance Characteristics section.
Output voltage margining is supported, and can be pro-
gramed from ±5% to ±15% using the MGN and BSEL
pins.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com