Electronic Components Datasheet Search
  English  ▼

X  

LTM4616 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4616
Description  Dual 8A per Channel Low VIN DC/DC 關Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4616 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4616 Datasheet HTML 10Page - Linear Technology LTM4616 Datasheet HTML 11Page - Linear Technology LTM4616 Datasheet HTML 12Page - Linear Technology LTM4616 Datasheet HTML 13Page - Linear Technology LTM4616 Datasheet HTML 14Page - Linear Technology LTM4616 Datasheet HTML 15Page - Linear Technology LTM4616 Datasheet HTML 16Page - Linear Technology LTM4616 Datasheet HTML 17Page - Linear Technology LTM4616 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTM4616
14
4616fa
APPLICATIONS INFORMATION
between 70% and 130% of the nominal frequency. This
has the benefit of spreading the switching noise over
a range of frequencies, thus significantly reducing the
peak noise. Spread spectrum operation is disabled if
CLKIN is tied to ground or if it’s driven by an external
frequency synchronization signal. A capacitor value
of 0.01μF to 0.1μF be placed from the PLLLPF pin to
ground to control the slew rate of the spread spectrum
frequency change.
Output Voltage Tracking
Output voltage tracking can be programmed externally
using the TRACK pin. The output can be tracked up and
down with another regulator. The master regulator’s output
is divided down with an external resistor divider that is the
same as the slave regulator’s feedback divider to implement
coincident tracking. The LTM4616 uses an accurate 10k
resistor internally for the top feedback resistor. Figure 5
shows an example of coincident tracking:
Slave
= 1+
10k
RTA
•VTRACK
VTRACK is the track ramp applied to the slave’s track pin.
VTRACK has a control range of 0V to 0.596V, or the internal
reference voltage. When the master’s output is divided
down with the same resistor values used to set the slave’s
output, then the slave will coincident track with the master
until it reaches its final value. The master will continue to
its final value from the slave’s regulation point. Voltage
tracking is disabled when VTRACKismorethan0.596V.RTAin
Figure 5 will be equal to RFB for coincident tracking.
The track pin of the master can be controlled by an external
ramp or by RSR and CSR in Figure 5 referenced to VIN. The
RC ramp time can be programmed using equation:
t
= –ln 1–
0.596V
VIN
•RSR •CSR
Ratiometric tracking can be achieved by a few simple
calculations and the slew rate value applied to the master’s
track pin. As mentioned above, the TRACK pin has a control
range from 0V to 0.596V. The master’s TRACK pin slew
DUTY FACTOR (VO/VIN)
0.1 0.15
0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0.85 0.9
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4616 F04
6-PHASE
4-PHASE
3-PHASE
2-PHASE
1-PHASE
Figure 4. Normalized Input RMS Ripple Current vs Duty Factor for One to Six Channels (Phases)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com