Electronic Components Datasheet Search
  English  ▼

X  

LTC1929 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1929
Description  2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1929 Datasheet(HTML) 1 Page - Linear Technology

  LTC1929 Datasheet HTML 1Page - Linear Technology LTC1929 Datasheet HTML 2Page - Linear Technology LTC1929 Datasheet HTML 3Page - Linear Technology LTC1929 Datasheet HTML 4Page - Linear Technology LTC1929 Datasheet HTML 5Page - Linear Technology LTC1929 Datasheet HTML 6Page - Linear Technology LTC1929 Datasheet HTML 7Page - Linear Technology LTC1929 Datasheet HTML 8Page - Linear Technology LTC1929 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
LTC1929/LTC1929-PG
2-Phase, High Efficiency,
Synchronous Step-Down
Switching Regulators
, LTC and LT are registered trademarks of Linear Technology Corporation.
OPTI-LOOP is a trademark of Linear Technology Corporation.
The LTC
®1929/LTC1929-PG are 2-phase, single output,
synchronous step-down current mode switching regula-
tor controllers that drive N-channel external power MOSFET
stages in a phase-lockable fixed frequency architecture.
The 2-phase controllers drive their two output stages out
of phase at frequencies up to 300kHz to minimize the RMS
ripple currents in both input and output capacitors. The
2-phase technique effectively multiplies the fundamental
frequency by two, improving transient response while
operating each channel at an optimum frequency for
efficiency. Thermal design is also simplified.
An internal differential amplifier provides true remote
sensing of the regulated supply’s positive and negative
output terminals as required by high current applications.
The RUN/SS pin provides soft-start and a defeatable,
timed, latched short-circuit shutdown to shut down both
channels. Internal foldback current limit provides protec-
tion for the external synchronous MOSFETs in the event of
an output fault. OPTI-LOOP compensation allows the
transient response to be optimized over a wide range of
output capacitance and ESR values.
Figure 1. High Current 2-Phase Step-Down Converter
s
Desktop Computers
s
Internet/Network Servers
s
Large Memory Arrays
s
DC Power Distribution Systems
s
2-Phase Single Output Controller
s
Reduces Required Input Capacitance and Power
Supply Induced Noise
s
Current Mode Control Ensures Current Sharing
s
Phase-Lockable Fixed Frequency: 150kHz to 300kHz
s
True Remote Sensing Differential Amplifier
s
OPTI-LOOP
TM Compensation Improves Transient
Response
s
±1% Output Voltage Accuracy
s
Power Good Output Voltage Monitor (LTC1929-PG)
s
Wide VIN Range: 4V to 36V Operation
s
Very Low Dropout Operation: 99% Duty Cycle
s
Adjustable Soft-Start Current Ramping
s
Internal Current Foldback
s
Short-Circuit Shutdown Timer with Defeat Option
s
Overvoltage Soft-Latch Eliminates Nuisance Trips
s
Available in 28-Lead SSOP Package
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
1929 F01
TG1
BOOST1
SW1
BG1
PGND
SENSE1+
SENSE1–
TG2
BOOST2
SW2
BG2
INTVCC
SENSE2+
SENSE2–
VIN
RUN/SS
EAIN
ITH
VDIFFOUT
VOS
–
VOS
+
LTC1929
SGND
0.1
µF
0.1
µF
16k
1000pF
10
Ω
10k
16k
10
µF
35V
CERAMIC
×4
+
COUT
1000
µF
4V
×2
VOUT
1.6V/40A
L1
1
µH
0.002
Ω
VIN
5V TO 28V
L2
1
µH
D2
D1
0.47
µF
0.47
µF
100pF
10
µF
0.002
Ω
COUT: T510E108K004AS L1, L2: CEPH149-1ROMC


Similar Part No. - LTC1929

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1929 LINER-LTC1929 Datasheet
233Kb / 24P
2-Phase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1929 LINER-LTC1929 Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1929 LINER-LTC1929 Datasheet
480Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Regulator
LTC1929-PG LINER-LTC1929-PG Datasheet
379Kb / 32P
High Efficiency Synchronous Step-Down Switching Regulator
LTC1929-PG LINER-LTC1929-PG Datasheet
480Kb / 32P
Dual, 550kHz, 2-Phase Synchronous Regulator
More results

Similar Description - LTC1929

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628 Datasheet
360Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727 Datasheet
398Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727A-1 LINER-LTC3727A-1 Datasheet
421Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727 LINER-LTC3727_15 Datasheet
377Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3727-1 LINER-LTC3727-1_15 Datasheet
377Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1929 LINER-LTC1929_15 Datasheet
321Kb / 28P
2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1929-PG LINER-LTC1929-PG_15 Datasheet
321Kb / 28P
2-Phase, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1628 LINER-LTC1628_15 Datasheet
391Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1628-PG LINER-LTC1628-PG_15 Datasheet
391Kb / 32P
High Efficiency, 2-Phase Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com