Electronic Components Datasheet Search
  English  ▼

X  

LTC1929 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1929
Description  2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1929 Datasheet(HTML) 4 Page - Linear Technology

  LTC1929 Datasheet HTML 1Page - Linear Technology LTC1929 Datasheet HTML 2Page - Linear Technology LTC1929 Datasheet HTML 3Page - Linear Technology LTC1929 Datasheet HTML 4Page - Linear Technology LTC1929 Datasheet HTML 5Page - Linear Technology LTC1929 Datasheet HTML 6Page - Linear Technology LTC1929 Datasheet HTML 7Page - Linear Technology LTC1929 Datasheet HTML 8Page - Linear Technology LTC1929 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LTC1929/LTC1929-PG
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IB
Input Bias Current
Op Amp Mode (LTC1929 Only)
30
200
nA
AOL
Open Loop DC Gain
Op Amp Mode; 0.7V
≤ VDIFFOUT < 10V
5000
V/mV
(LTC1929 Only)
VCM
Common Mode Input Voltage Range
Op Amp Mode (LTC1929 Only)
0
3
V
CMRROA
Common Mode Rejection Ratio
Op Amp Mode; 0V < VCM < 3V (LTC1929 Only)
70
90
dB
PSRROA
Power Supply Rejection Ratio
Op Amp Mode; 6V < VIN < 30V (LTC1929 Only)
70
90
dB
ICL
Maximum Output Current
Op Amp Mode; VDIFFOUT = 0V (LTC1929 Only)
10
35
mA
VO(MAX)
Maximum Output Voltage
Op Amp Mode; IDIFFOUT = 1mA (LTC1929 Only)
10
11
V
GBW
Gain-Bandwidth Product
Op Amp Mode; IDIFFOUT = 1mA (LTC1929 Only)
2
MHz
SR
Slew Rate
Op Amp Mode; RL = 2k (LTC1929 Only)
5
V/
µs
ELECTRICAL CHARACTERISTICS
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS = 5V unless otherwise noted.
Note 5: When the AMPMD pin is high (default for the LTC1929-PG), the
LTC1929 IC pins are connected directly to the internal op amp inputs.
When the AMPMD pin is low, internal MOSFET switches connect four
40k resistors around the op amp to create a standard unity-gain
differential amp.
Note 6: Minimum on-time condition corresponds to the on inductor
peak-to-peak ripple current
≥40% of IMAX (see minimum on-time
considerations in the Applications Information section).
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1929CG: TJ = TA + (PD • 95°C/W)
Note 3: The LTC1929 is tested in a feedback loop that servos VITH to a
specified voltage and measures the resultant VEAIN.
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Output Current
(Figure 13)
OUTPUT CURRENT (A)
0.1
100
80
60
40
20
0
1929 G01
1
10
100
VOUT = 2V
VEXTVCC = 0V
FREQ = 200kHz
VIN = 5V
VIN = 8V
VIN = 12V
VIN = 20V
OUTPUT CURRENT (A)
0.1
40
60
1929 G02
20
0
10
1
100
100
80
VIN = 12V
VOUT = 2V
FREQ = 200kHz
VEXTVCC = 5V
VEXTVCC = 0V
VIN (V)
5
100
90
80
70
60
50
1929 G03
10
15
20
VEXTVCC = 5V
IOUT = 20A
VOUT = 2V
VOUT = 1.6V
Efficiency vs Output Current
(Figure 13)
Efficiency vs VIN
(Figure 13)
The q denotes the specifications which apply over the full operating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com