Electronic Components Datasheet Search
  English  ▼

X  

LTC2239 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2239
Description  10-Bit, 80Msps Low Noise 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2239 Datasheet(HTML) 1 Page - Linear Technology

  LTC2239 Datasheet HTML 1Page - Linear Technology LTC2239 Datasheet HTML 2Page - Linear Technology LTC2239 Datasheet HTML 3Page - Linear Technology LTC2239 Datasheet HTML 4Page - Linear Technology LTC2239 Datasheet HTML 5Page - Linear Technology LTC2239 Datasheet HTML 6Page - Linear Technology LTC2239 Datasheet HTML 7Page - Linear Technology LTC2239 Datasheet HTML 8Page - Linear Technology LTC2239 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC2239
2239fa
10-Bit, 80Msps
Low Noise 3V ADC
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
■ Sample Rate: 80Msps
■
Single 3V Supply (2.7V to 3.4V)
■ Low Power: 211mW
■ 61.6dB SNR at 70MHz Input
■
85dB SFDR at 70MHz Input
■ No Missing Codes
■ Flexible Input: 1VP-P to 2VP-P Range
■
575MHz Full Power Bandwidth S/H
■ Clock Duty Cycle Stabilizer
■ Shutdown and Nap Modes
■
Pin Compatible Family
125Msps: LTC2253 (12-Bit), LTC2251 (10-Bit)
105Msps: LTC2252 (12-Bit), LTC2250 (10-Bit)
80Msps: LTC2229 (12-Bit), LTC2239 (10-Bit)
65Msps: LTC2228 (12-Bit), LTC2238 (10-Bit)
40Msps: LTC2227 (12-Bit), LTC2237 (10-Bit)
25Msps: LTC2226 (12-Bit), LTC2236 (10-Bit)
10Msps: LTC2225 (12-Bit)
■ 32-Pin (5mm
× 5mm) QFN Package
The LTC
®2239 is a 10-bit 80Msps, low power 3V A/D
converter designed for digitizing high frequency, wide
dynamic range signals. The LTC2239 is perfect for de-
manding imaging and communications applications with
AC performance that includes 61.6dB SNR and 85dB
SFDR for signals well beyond the Nyquist frequency.
DC specs include
±0.1LSB INL (typ), ±0.1LSB DNL (typ)
and
±0.5LSB INL, ±0.5LSB DNL over temperature. The
transition noise is a low 0.08LSBRMS.
A single 3V supply allows low power operation. A separate
output supply allows the outputs to drive 0.5V to 3.6V
logic.
A single-ended CLK input controls converter operation. An
optional clock duty cycle stabilizer allows high perfor-
mance at full speed for a wide range of clock duty cycles.
–
+
INPUT
S/H
CORRECTION
LOGIC
OUTPUT
DRIVERS
10-BIT
PIPELINED
ADC CORE
CLOCK/DUTY
CYCLE
CONTROL
FLEXIBLE
REFERENCE
D9
•
•
•
D0
CLK
REFH
REFL
ANALOG
INPUT
2239 TA01
OVDD
OGND
SNR vs Input Frequency,
–1dB, 2V Range
APPLICATIO S
■ Wireless and Wired Broadband Communication
■ Imaging Systems
■
Ultrasound
■ Spectral Analysis
■ Portable Instrumentation
INPUT FREQUENCY (MHz)
0
55
56
58
59
60
65
62
50
100
2239 G09
57
63
64
61
150
200
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC2239

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2239 LINER-LTC2239 Datasheet
564Kb / 24P
10-Bit, 80Msps Low Noise 3V ADC
LTC2239 LINER-LTC2239_15 Datasheet
564Kb / 24P
10-Bit, 80Msps Low Noise 3V ADC
More results

Similar Description - LTC2239

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
14-Bit, 80Msps Low Noise ADC
LTC2249 LINER-LTC2249 Datasheet
464Kb / 20P
14-Bit, 80Msps Low Power 3V ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
12-Bit, 80Msps Low Noise ADC
LTC2289 LINER-LTC2289 Datasheet
661Kb / 24P
Dual 10-Bit, 80Msps Low Noise 3V ADC
LTC2229 LINER-LTC2229 Datasheet
552Kb / 24P
12-Bit, 80Msps Low Power 3V ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
14-Bit, 80Msps Low Noise ADC
LTC2229 LINER-LTC2229_15 Datasheet
558Kb / 24P
12-Bit, 80Msps Low Power 3V ADC
LTC2239 LINER-LTC2239_15 Datasheet
564Kb / 24P
10-Bit, 80Msps Low Noise 3V ADC
LTC2249 LINER-LTC2249_15 Datasheet
557Kb / 24P
14-Bit, 80Msps Low Power 3V ADC
LTC2289 LINER-LTC2289_15 Datasheet
666Kb / 24P
Dual 10-Bit, 80Msps Low Noise 3V ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com