Electronic Components Datasheet Search
  English  ▼

X  

LTC2239 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2239
Description  10-Bit, 80Msps Low Noise 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2239 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2239 Datasheet HTML 14Page - Linear Technology LTC2239 Datasheet HTML 15Page - Linear Technology LTC2239 Datasheet HTML 16Page - Linear Technology LTC2239 Datasheet HTML 17Page - Linear Technology LTC2239 Datasheet HTML 18Page - Linear Technology LTC2239 Datasheet HTML 19Page - Linear Technology LTC2239 Datasheet HTML 20Page - Linear Technology LTC2239 Datasheet HTML 21Page - Linear Technology LTC2239 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
18
LTC2239
2239fa
APPLICATIO S I FOR ATIO
Output Driver Power
Separate output power and ground pins allow the output
drivers to be isolated from the analog circuitry. The power
supply for the digital output buffers, OVDD, should be tied
to the same power supply as for the logic being driven. For
example if the converter is driving a DSP powered by a 1.8V
supply, then OVDD should be tied to that same 1.8V supply.
OVDD can be powered with any voltage from 500mV up to
3.6V. OGND can be powered with any voltage from GND up
to 1V and must be less than OVDD. The logic outputs will
swing between OGND and OVDD.
Output Enable
The outputs may be disabled with the output enable pin, OE.
OE high disables all data outputs including OF. The data ac-
cess and bus relinquish times are too slow to allow the
outputs to be enabled and disabled during full speed op-
eration. The output Hi-Z state is intended for use during long
periods of inactivity.
Sleep and Nap Modes
The converter may be placed in shutdown or nap modes
to conserve power. Connecting SHDN to GND results in
normal operation. Connecting SHDN to VDD and OE to VDD
results in sleep mode, which powers down all circuitry
including the reference and typically dissipates 1mW. When
exiting sleep mode it will take milliseconds for the output
data to become valid because the reference capacitors have
to recharge and stabilize. Connecting SHDN to VDD and OE
to GND results in nap mode, which typically dissipates
15mW. In nap mode, the on-chip reference circuit is kept
on, so that recovery from nap mode is faster than that from
sleep mode, typically taking 100 clock cycles. In both sleep
and nap modes, all digital outputs are disabled and enter
the Hi-Z state.
Grounding and Bypassing
The LTC2239 requires a printed circuit board with a clean,
unbroken ground plane. A multilayer board with an inter-
nal ground plane is recommended. Layout for the printed
circuit board should ensure that digital and analog signal
lines are separated as much as possible. In particular, care
should be taken not to run any digital track alongside an
analog signal track or underneath the ADC.
High quality ceramic bypass capacitors should be used at
the VDD, OVDD, VCM, REFH, and REFL pins. Bypass capaci-
tors must be located as close to the pins as possible. Of
particular importance is the 0.1
µF capacitor between
REFH and REFL. This capacitor should be placed as close
to the device as possible (1.5mm or less). A size 0402
ceramic capacitor is recommended. The large 2.2
µF ca-
pacitor between REFH and REFL can be somewhat further
away. The traces connecting the pins and bypass capaci-
tors must be kept short and should be made as wide as
possible.
The LTC2239 differential inputs should run parallel and
close to each other. The input traces should be as short as
possible to minimize capacitance and to minimize noise
pickup.
Heat Transfer
Most of the heat generated by the LTC2239 is transferred
from the die through the bottom-side exposed pad and
package leads onto the printed circuit board. For good
electrical and thermal performance, the exposed pad
should be soldered to a large grounded pad on the PC
board. It is critical that all ground pins are connected to a
ground plane of sufficient area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com