Electronic Components Datasheet Search
  English  ▼

X  

LTC2239 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2239
Description  10-Bit, 80Msps Low Noise 3V ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2239 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2239 Datasheet HTML 9Page - Linear Technology LTC2239 Datasheet HTML 10Page - Linear Technology LTC2239 Datasheet HTML 11Page - Linear Technology LTC2239 Datasheet HTML 12Page - Linear Technology LTC2239 Datasheet HTML 13Page - Linear Technology LTC2239 Datasheet HTML 14Page - Linear Technology LTC2239 Datasheet HTML 15Page - Linear Technology LTC2239 Datasheet HTML 16Page - Linear Technology LTC2239 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC2239
2239fa
APPLICATIO S I FOR ATIO
Single-Ended Input
For cost sensitive applications, the analog inputs can be
driven single-ended. With a single-ended input the har-
monic distortion and INL will degrade, but the SNR and
DNL will remain unchanged. For a single-ended input, AIN+
should be driven with the input signal and AIN– should be
connected to 1.5V or VCM.
Common Mode Bias
For optimal performance the analog inputs should be
driven differentially. Each input should swing
±0.5V for
the 2V range or
±0.25V for the 1V range, around a
common mode voltage of 1.5V. The VCM output pin (Pin
31) may be used to provide the common mode bias level.
VCM can be tied directly to the center tap of a transformer
to set the DC input level or as a reference level to an op amp
differential driver circuit. The VCM pin must be bypassed to
ground close to the ADC with a 2.2
µF or greater capacitor.
Input Drive Impedance
As with all high performance, high speed ADCs, the
dynamic performance of the LTC2239 can be influenced
by the input drive circuitry, particularly the second and
third harmonics. Source impedance and reactance can
influence SFDR. At the falling edge of CLK, the sample-
and-hold circuit will connect the 4pF sampling capacitor to
the input pin and start the sampling period. The sampling
period ends when CLK rises, holding the sampled input on
the sampling capacitor. Ideally the input circuitry should
be fast enough to fully charge the sampling capacitor
during the sampling period 1/(2FENCODE); however, this is
not always possible and the incomplete settling may
degrade the SFDR. The sampling glitch has been designed
to be as linear as possible to minimize the effects of
incomplete settling.
For the best performance, it is recommended to have a
source impedance of 100
Ω or less for each input. The
source impedance should be matched for the differential
inputs. Poor matching will result in higher even order
harmonics, especially the second.
Input Drive Circuits
Figure 3 shows the LTC2239 being driven by an RF
transformer with a center tapped secondary. The second-
ary center tap is DC biased with VCM, setting the ADC input
signal at its optimum DC level. Terminating on the trans-
former secondary is desirable, as this provides a common
mode path for charging glitches caused by the sample and
hold. Figure 3 shows a 1:1 turns ratio transformer. Other
turns ratios can be used if the source impedance seen by
the ADC does not exceed 100
Ω for each ADC input. A
disadvantage of using a transformer is the loss of low
frequency response. Most small RF transformers have
poor performance at frequencies below 1MHz.
Figure 4 demonstrates the use of a differential amplifier to
convert a single ended input signal into a differential input
signal. The advantage of this method is that it provides low
frequency input response; however, the limited gain band-
width of most op amps will limit the SFDR at high input
frequencies.
25
Ω
25
Ω
25
Ω
25
Ω
0.1
µF
AIN
+
AIN
–
12pF
2.2
µF
VCM
LTC2239
ANALOG
INPUT
0.1
µFT1
1:1
T1 = MA/COM ETC1-1T
RESISTORS, CAPACITORS
ARE 0402 PACKAGE SIZE
2239 F03
Figure 4. Differential Drive with an Amplifier
25
Ω
25
Ω
12pF
2.2
µF
VCM
LTC2239
2239 F04
–
–
+
+
CM
ANALOG
INPUT
HIGH SPEED
DIFFERENTIAL
AMPLIFIER
AIN
+
AIN
–
Figure 3. Single-Ended to Differential Conversion
Using a Transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com